Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5535 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5535 Datasheet HTML 3Page - Linear Technology LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology LTC5535 Datasheet HTML 10Page - Linear Technology LTC5535 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC5535
7
5535f
S11 Forward Reflection
Impedance
0.6000GHz-7.000GHz
5535 TA04
TYPICAL PERFOR A CE CHARACTERISTICS
RFIN Input Impedance (Pin = 0dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(Ω)(Ω)
0.600
176.00
–174.00
0.728
148.00
–165.00
0.856
125.00
–153.00
0.984
108.00
–143.00
1.112
94.80
–133.00
1.240
83.20
–123.00
1.368
74.60
–115.00
1.496
67.50
–107.00
1.624
61.40
–99.00
1.752
56.80
–92.90
1.880
52.70
–86.10
2.008
49.30
–80.00
2.136
47.10
–74.40
2.264
45.30
–70.00
2.392
42.40
–66.70
2.520
39.60
–62.30
2.648
37.70
–58.60
2.776
36.30
–55.00
2.904
35.10
–51.00
3.032
34.00
–47.70
3.160
33.20
–44.60
3.288
32.10
–41.80
3.416
30.70
–39.50
3.544
29.10
–36.70
3.672
27.70
–33.70
3.800
26.60
–30.60
3.928
25.70
–27.70
4.056
25.00
–25.10
4.184
24.10
–22.10
4.312
23.50
–19.50
4.440
22.90
–17.10
4.568
22.40
–14.00
4.696
22.00
–11.40
4.824
21.70
–8.83
4.952
21.30
–5.99
5.080
21.20
–3.45
5.208
21.20
–0.77
5.336
21.20
1.70
5.464
21.40
4.46
FREQUENCY
RESISTANCE
REACTANCE
GHz
(Ω)(Ω)
5.592
21.80
7.14
5.720
22.10
9.55
5.848
22.70
12.00
5.976
23.60
14.40
6.104
24.20
15.90
6.232
24.70
17.80
6.360
24.70
19.30
6.488
24.30
21.40
6.616
24.10
23.80
6.744
24.00
26.30
6.872
24.00
28.80
7.000
24.10
31.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com