Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6906 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 3 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC6906
3
6906fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Some frequencies may be generated using two different values of
RSET. For these frequencies, the error is specified assuming that the larger
value of RSET is used.
Note 3: Frequency accuracy is defined as the deviation from the fOUT
equation.
Note 4: Jitter is the ratio of the peak-to-peak deviation of the period to the
mean of the period. This specification is based on characterization and is
not 100% tested.
Note 5: Current into a pin is given as a positive value. Current out of a pin
is given as a negative value.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RSET
Frequency-Setting Resistor Range
l
100
1000
kΩ
Δf/ΔT
Frequency Drift Over Temp (Note 3)
RSET = 316k
l
±0.005
%/°C
Δf/ΔV
Frequency Drift Over Supply (Note 3)
V+ = 2.25V to 3.6V, 100k ≤ RSET ≤ 1000k
0.06
%/V
Timing Jitter (Note 4)
Pin 3 = V+, 100k ≤ RSET ≤ 1000k
Pin 3 = Open, 100k ≤ RSET ≤ 1000k
Pin 3 = 0V, 100k ≤ RSET ≤ 1000k
0.03
0.07
0.15
%
%
%
Sf
Long-Term Stability of Output Frequency Pin 3 = V+
300
ppm/√kHr
DC
Duty Cycle
l
45
50
55
%
V+
Operating Supply Range (Note 8)
l
2.25
3.6
V
IS
Power Supply Current
RSET = 1000k, Pin 3 = 0V, RL = 10M
V+ = 3.6V
(DIV = 1, fOUT = 100kHz)
V+ = 2.25V
l
l
12.5
10.0
18
15
μA
μA
RSET = 100k, Pin 3 = 0V, RL = 10M
V+ = 3.6V
(DIV = 1, fOUT = 1MHz)
V+ = 2.25V
l
l
78
60
100
80
μA
μA
VIH
High Level DIV Input Voltage
V+ = 3.6V
V+ = 2.25V
l
l
3.1
2.05
V
V
VIL
Low Level DIV Input Voltage
V+ = 3.6V
V+ = 2.25V
l
l
0.5
0.2
V
V
IDIV
DIV Input Current (Note 5)
Pin 3 = V+
Pin 3 = 0V
l
l
–2
1
–1
2μA
μA
VOH
High Level Output Voltage (Note 5)
V+ = 3.6V
IOH = –100μA
IOH = –1mA
l
l
3.40
2.80
3.59
3.30
V
V
V+ = 2.25V
IOH = –100μA
IOH = –1mA
l
l
2.15
1.75
2.2
2.0
V
V
VOL
Low Level Output Voltage (Note 5)
V+ = 3.6V
IOL = 100μA
IOL = 1mA
l
l
0.02
0.15
0.2
0.8
V
V
V+ = 2.25V
IOL = 100μA
IOL = 1mA
l
l
0.03
0.30
0.1
0.5
V
V
tr
OUT Rise Time (Note 6)
V+ = 3.6V
V+ = 2.25V
10
25
ns
ns
tf
OUT Fall Time (Note 6)
V+ = 3.6V
V+ = 2.25V
10
25
ns
ns
VGS
GRD Pin Voltage Relative to SET Pin
Voltage
–10μA ≤ IGRD ≤ 0.3μA
l
–10
10
mV
Note 6: Output rise and fall times are measured between the 10% and
90% power supply levels.
Note 7: The LTC6906C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6906C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6906I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 8: Consult the Applications Information section for operation with
supplies higher than 3.6V.
Note 9: Test conditions reflect the master oscillator frequency. The output
divider is functionally tested and divided frequency accuracy is guaranteed
by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com