Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0244 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0244
Description  FlashLINK JTAG programming cable for STR9
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0244 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0244 Datasheet HTML 2Page - STMicroelectronics UM0244 Datasheet HTML 3Page - STMicroelectronics UM0244 Datasheet HTML 4Page - STMicroelectronics UM0244 Datasheet HTML 5Page - STMicroelectronics UM0244 Datasheet HTML 6Page - STMicroelectronics UM0244 Datasheet HTML 7Page - STMicroelectronics UM0244 Datasheet HTML 8Page - STMicroelectronics UM0244 Datasheet HTML 9Page - STMicroelectronics UM0244 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Software
UM0244
6/11
4
Software
The FlashLINK cable assembly is driven by the software development tool CAPS (available
at no charge from www.st.com/mcu). With this tool you define the pin functions, memory
map, and configuration of STR91x devices, add microcontroller firmware to be programmed
into Flash memory, then generate a single file to program into the device (an object file with
the filename extension *.obj). CAPS will then use the FlashLINK cable assembly to program
this object file into the STR91x device. Other operations include erase, verify, upload, and
blank check. See the CAPS User Manual for more detail.
Note:
Be sure to use the latest version of CAPS. Updates are available from www.st.com/mcu.
4.1
Diagnostic tests
CAPS also performs some diagnostic tests for the PC parallel port and FlashLINK cable
assembly.
4.1.1
Loop test
Should be run first to test basic operation of the PC parallel port and the FlashLINK cable
assembly. “LoopTest” will wrap FlashLINK signal outputs back into FlashLINK signal inputs
for signal path verification.
4.1.2
Connect test
Is optional to test system performance and check the JTAG signal path all the way through
the target circuit board including STR91x device.
To run these tests, install and run CAPS on your PC or laptop:
1.
Connect the six foot long DB-25 cable to your PC parallel port on one side, and to the
FlashLINK Adaptor on the other side.
2.
Click mouse on the “Program Device” box at the bottom-left of the CAPS main flow
diagram.
3.
Select single or multiple JTAG devices depending on your target configuration (single is
most common), then click on the Hardware Setup (“HW Setup”) button at the lower part
of the JTAG Operations window.
For “LoopTest”:
1.
Connect the small loop test adaptor cable (not the flying lead cable) to the 14-pin
connector on the FlashLINK Adaptor.
2.
Connect the red lead of the loop test connector to a VCC source (5V or 3.3V), and
connect the black lead of the loop test connector to ground.
3.
In the “HW Setup” dialog screen click the “Loop Test” button to run the test. If it fails, be
sure that your are supplying VCC and ground, and also make sure that the PC’s parallel
port is enabled.
For “Connect Test”:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com