Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0277 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 24Page - STMicroelectronics UM0277 Datasheet HTML 25Page - STMicroelectronics UM0277 Datasheet HTML 26Page - STMicroelectronics UM0277 Datasheet HTML 27Page - STMicroelectronics UM0277 Datasheet HTML 28Page - STMicroelectronics UM0277 Datasheet HTML 29Page - STMicroelectronics UM0277 Datasheet HTML 30Page - STMicroelectronics UM0277 Datasheet HTML 31Page - STMicroelectronics UM0277 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
UM0277
PC interface parameters description
29/32
Appendix F
PC interface parameters description
Table 6.
PC interface parameters description
Parameter
Software type
Unit
Initial
setting
Allowed range
Setting
step
Temperature Hysteresis
Input / Output
°C
4
0.5 to 10°C
0.1
Thermostat order
Input / Output
N/A
2
1 to 3
1
Evaporator temperature order 1
Input / Output
°C
-5
-50 to 10°C
0.5
Evaporator temperature order 2
Input / Output
-12
-50 to 10°C
0.5
Evaporator temperature order 3
Input / Output
-20
-50 to 10°C
0.5
Forced Defrost Control
Input
N/A
0
0 (OFF) or 1 (ON)
-
Forced Compressor Control
Input
N/A
0
0 (OFF) or 1 (ON)
-
Forced Bulb Control
Input
N/A
0
0 (OFF) or 1 (ON)
-
Forced Bulb Control
Input
N/A
0
0 (OFF) or 1 (ON)
-
Compressor phase shift (T1)
Input / Output
ms
0.5
0.1 to 4
0.1
Gate current pulse width
(for compressor, T3)
Input / Output
ms
1
0.1 to 4
0.1
ZVS delay
Input / Output
µs
50
5 to 255
5
Gate current pulse width
(for defrost resistor, T2)
Input / Output
ms
1
0.1 to 4
0.1
Defrost Activation Delay
Input / Output
Hours &
Minutes
8
00:10’ to 24:00 (10’ to 24)
10’
Defrost duration
Input / Output
Minutes &
seconds
20
00:10 to 30:00 (10” to 30’)
10”
Compressor running period
Output
Hour &
Minutes
N/A
00:01 to 04:30 (1’ to 4h30’)
N/A
Compressor duty cycle
Output
%
N/A
0 to 100%
Light-bulb Status
Output
Green
LED for
ON
N/A
N/A
Defrost Status
Output
Green
LED for
ON
N/A
N/A
Compressor Status
Output
Green
LED for
ON
N/A
N/A
Mains frequency
Output
Hz
N/A
50 or 60 Hz
Evaporator temperature
Output
°C
N/A
40 to -50°C
Evaporator temperature order
Output
°C
N/A
40 to -50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com