Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0374 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0374
Description  STR9 Flash extension
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0374 Datasheet(HTML) 6 Page - STMicroelectronics

  UM0374 Datasheet HTML 1Page - STMicroelectronics UM0374 Datasheet HTML 2Page - STMicroelectronics UM0374 Datasheet HTML 3Page - STMicroelectronics UM0374 Datasheet HTML 4Page - STMicroelectronics UM0374 Datasheet HTML 5Page - STMicroelectronics UM0374 Datasheet HTML 6Page - STMicroelectronics UM0374 Datasheet HTML 7Page - STMicroelectronics UM0374 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STR9 Flash extension
UM0374
6/8
Figure 6.
Bottom view
1.5
Bill of materials and assembly recommendations
Table 3.
Bill of materias and assembly recommendations
Label
Comment
Footprint
Description
Assembly
Order code
C01
Capacitor
603
100nF
YES
Farnell: 422-6859 (X7R)
C02
Capacitor
603
10nF
YES
Farnell: 422-6938 (X7R)
C03
Capacitor
603
100nF
YES
Farnell: 422-6859 (X7R)
C04
Capacitor
603
10nF
YES
Farnell: 422-6938 (X7R)
C05
Pol. Capacitor
1206
2.2uF
Recommended
Farnell: 422-7323 (X7R)
CN3
2x10 Header
HDR2X10
EXTENDED_CON
YES
GM: BL220G
U1
NAND FLASH
TSOP48
NAND0xGx3C2A
YES
ST: NAND0xGx3C2A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com