Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA63 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPSA63
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA63 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPSA63 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA63 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1999. 11. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
MPSA62/63/64
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
GENERAL PURPOSE APPLICATION.
DARLINGTON TRANSISTOR.
FEATURES
Complementary to MPSA13/14.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base
Voltage
MPSA62
VCBO
-20
V
MPSA63/64
-30
Collector-Emitter
Voltage
MPSA62
VCES
-20
V
MPSA63/64
-30
Emitter-Base Voltage
VEBO
-10
V
Collector Current
IC
-500
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter
Breakdown Voltage
MPSA62
V(BR)CES
IC=-0.1mA, IB=0
-20
-
-
V
MPSA63/64
-30
-
-
Collector Cut-off
Current
MPSA62
ICBO
VCB=-15V, IE=0
-
-
-0.1
A
MPSA63/64
VCB=-30V, IE=0
Emitter Cut-off Current
IEBO
VEB=-10V, IC=0
-
-
-0.1
A
DC Current Gain
MPSA62
hFE
IC=-10mA, VCE=-5V
20,000
-
-
MPSA63
5,000
-
-
MPSA64
10,000
-
-
MPSA63
IC=-100mA, VCE=-5V
10,000
-
-
MPSA64
20,000
-
-
Collector-Emitter
Saturation Voltage
MPSA62
VCE(sat)
IC=-10mA, IB=-0.01mA
-
-
-1.0
V
MPSA63/64
IC=-100mA, IB=-0.1mA
-
-
-1.5
Base Emitter Voltage
MPSA62
VBE
IC=-10mA, VCE=-5V
-
-
-1.4
V
MPSA63/64
IC=-100mA, VCE=-5V
-
-
-2.0
Current Gain
Bandwith Product
MPSA63/64
fT
IC=-10mA, f=100MHz, VCE=-5V
125
-
-
MHz
*Pulse Test : Pulse Width 300 S, Duty Cycle 2%


Similar Part No. - MPSA63

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA63 MOTOROLA-MPSA63 Datasheet
157Kb / 4P
Darlington Transistor
logo
ON Semiconductor
MPSA63 ONSEMI-MPSA63 Datasheet
157Kb / 4P
Darlington Transistors(PNP Silicon)
1996
logo
Fairchild Semiconductor
MPSA63 FAIRCHILD-MPSA63 Datasheet
29Kb / 2P
PNP Darlington Transistor
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
MPSA63 CENTRAL-MPSA63 Datasheet
20Kb / 1P
Small Signal Transistors
More results

Similar Description - MPSA63

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBA812M6 SAMSUNG-MMBA812M6 Datasheet
25Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR(General Purpose Transistor)
logo
KEC(Korea Electronics)
KTA1038 KEC-KTA1038 Datasheet
278Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTD1411 KEC-KTD1411 Datasheet
384Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
KTD2424 KEC-KTD2424 Datasheet
113Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
MPSA77 KEC-MPSA77 Datasheet
65Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (DARLINGTON TRANSISTOR)
logo
Cystech Electonics Corp...
2N4403A3 CYSTEKEC-2N4403A3 Datasheet
156Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTA1514N3 CYSTEKEC-BTA1514N3_06 Datasheet
259Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com