Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD161602AB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # PD161602AB
Description  360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161602AB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button PD161602AB Datasheet HTML 18Page - Renesas Technology Corp PD161602AB Datasheet HTML 19Page - Renesas Technology Corp PD161602AB Datasheet HTML 20Page - Renesas Technology Corp PD161602AB Datasheet HTML 21Page - Renesas Technology Corp PD161602AB Datasheet HTML 22Page - Renesas Technology Corp PD161602AB Datasheet HTML 23Page - Renesas Technology Corp PD161602AB Datasheet HTML 24Page - Renesas Technology Corp PD161602AB Datasheet HTML 25Page - Renesas Technology Corp PD161602AB Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
PWCLK(L)
CLK
POL
VOUT
STB
DATA
STHR
STHL
PWCLK(H)
tr
tSETUP2
INVALID
D1 to D3
tHOLD2
12
3
132
133
tf
PWCLK
tPLH1
tSTB-AP
tSETUP1
90%
10%
tHOLD1
tSTB-STH
PWSTB
tHOLD3
tHOLD4
tSETUP4
tSPL
PWAB
D4 to D6
tPOL-STB tSTB-POL
(1st Dr.)
(1st Dr.)
INV
CM
AP
tPHL1
tSETUP3
tCM-STB tSTB-CM
tCLK-STB
tPLH2
tPHL2
Hi-Z
Hi-Z
tLDT
Last Data
INVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com