Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1399 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1399
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1399 Datasheet HTML 2Page - Linear Technology LT1399 Datasheet HTML 3Page - Linear Technology LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1398/LT1399/LT1399HV
sn13989 13989fas
Closed-Loop Gain vs Frequency
(AV = 1)
4
2
0
–2
–4
1M
10M
1G
100M
FREQUENCY (Hz)
VS = ±5V
VIN = –10dBm
RF = 365Ω
RL = 100Ω
1398/99 G01
Closed-Loop Gain vs Frequency
(AV = – 1)
VS = ±5V
VIN = –10dBm
RF = RG = 309Ω
RL = 100Ω
1398/99 G03
4
2
0
–2
–4
1M
10M
1G
100M
FREQUENCY (Hz)
Closed-Loop Gain vs Frequency
(AV = 2)
VS = ±5V
VIN = –10dBm
RF = RG = 324Ω
RL = 100Ω
10
8
6
4
2
1M
10M
1G
100M
FREQUENCY (Hz)
1398/99 G02
Large-Signal Transient Response
(AV = – 1)
TIME (5ns/DIV)
VS = ±5V
VIN = ±2.5V
RF = RG = 309Ω
RL = 100Ω
1398/99 G06
Large-Signal Transient Response
(AV = 2)
TIME (5ns/DIV)
VS = ±5V
VIN = ±1.25V
RF = RG = 324Ω
RL = 100Ω
1398/99 G05
Large-Signal Transient Response
(AV = 1)
TIME (5ns/DIV)
VS = ±5V
VIN = ±2.5V
RF = 365Ω
RL = 100Ω
1398/99 G04
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
PSRR vs Frequency
Maximum Undistorted Output
Voltage vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (kHz)
90
80
60
40
30
1
100
1000
100000
1398/1399 G07
100
10
10000
50
70
110
HD2
HD3
TA = 25°C
RF = RG = 324Ω
RL = 100Ω
VS = ± 5V
VOUT = 2VPP
FREQUENCY (MHz)
1
2
3
4
5
6
8
10
100
1398/1399 G08
7
AV = +1
AV = +2
TA = 25°C
RF = 324Ω
RL = 100Ω
VS = ± 5V
FREQUENCY (Hz)
20
40
50
70
80
10k
1M
10M
100M
1398/1399 G09
0
100k
60
30
10
+ PSRR
– PSRR
TA = 25°C
RF = RG = 324Ω
RL = 100Ω
AV = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com