Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP32CF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # TIP32CF
Description  TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP32CF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  TIP32CF Datasheet HTML 1Page - KEC(Korea Electronics) TIP32CF Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
TIP32CF
TRIPLE DIFFUSED PNP TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
FEATURES
・Complementary to TIP31CF.
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
1. BASE
2. COLLECTOR
3. EMITTER
TO-220IS
10.30 MAX
15.30 MAX
2.70±0.30
0.85 MAX
Φ
3.20±0.20
3.00±0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60±0.50
3.90 MAX
1.20
1.30
2.54
4.50±0.20
6.80
2.60±0.20
10°
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5°
25°
2.60±0.15
V
U
D
A
C
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Emitter Sustaining Voltage
VCEO(SUS)
IC=-30mA, IB=0
-100
-
-
V
Collector Cut-off Current
ICEO
VCE=-60V, IB=0
-
-
-0.3
mA
Collector Cut-off Current
ICES
VCE=-100V, VEB=0
-
-
-200
μA
Emitter Cut-off Current
IEBO
VBE=-5V, IC=0
-
-
-1
mA
DC Current Gain
hFE
VCE=-4V, IC=-1A
25
-
-
VCE=-4V, IC=-3A
10
-
50
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-3A, IB=-375mA
-
-
-1.2
V
Base-Emitter On Voltage
VBE(on)
VCE=-4V, IC=-3A
-
-
-1.8
V
Transition Frequency
fT
VCE=-10V, IC=-500mA f=1MHz
3.0
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-3
A
Pulse
ICP
-5
Base Current
IB
-1
A
Collector Power
Dissipation
Ta=25℃
PC
2
W
Tc=25℃
25
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃


Similar Part No. - TIP32CF

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
TIP32CF JIANGSU-TIP32CF Datasheet
775Kb / 3P
TO-220F Plastic-Encapsulate Transistors
logo
Analog Devices
TIP32CFS AD-TIP32CFS Datasheet
2Mb / 13P
Analog Devices Wiki
7/12/22
logo
KEC(Korea Electronics)
TIP32CF KEC-TIP32CF_15 Datasheet
442Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
More results

Similar Description - TIP32CF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1366 KEC-KTB1366 Datasheet
295Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB1367 KEC-KTB1367 Datasheet
328Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB1368 KEC-KTB1368 Datasheet
356Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB595 KEC-KTB595 Datasheet
276Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB988 KEC-KTB988 Datasheet
477Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB989 KEC-KTB989 Datasheet
413Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTC4468 KEC-KTC4468 Datasheet
80Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO AND GENERAL PURPOSE)
KTD1352 KEC-KTD1352 Datasheet
321Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(GENERAL PURPOSE)
KTD2060 KEC-KTD2060 Datasheet
284Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(GENERAL PURPOSE)
TIP32C KEC-TIP32C Datasheet
224Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com