Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4045 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4045
Description  STM32F3 series in-application programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4045 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4045 Datasheet HTML 8Page - STMicroelectronics AN4045 Datasheet HTML 9Page - STMicroelectronics AN4045 Datasheet HTML 10Page - STMicroelectronics AN4045 Datasheet HTML 11Page - STMicroelectronics AN4045 Datasheet HTML 12Page - STMicroelectronics AN4045 Datasheet HTML 13Page - STMicroelectronics AN4045 Datasheet HTML 14Page - STMicroelectronics AN4045 Datasheet HTML 15Page - STMicroelectronics AN4045 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID022782 Rev 2
13/16
AN4045
STM32F3xx IAP implementation summary
15
4
STM32F3xx IAP implementation summary
Table 2 provides a summary of the STM32F3xx IAP implementation.
The STM32F3xx IAP package comes with:
•
Source files and pre-configured projects for the IAP program (under
Project\STM32F3xx_IAP directory)
•
Source files and pre-configured projects that build the application to be loaded into
Flash memory using the IAP (under Project\STM32F3xx_IAP\binary_template
directory).
The readme.txt files provided within this package describes step by step how to execute this
IAP application.
Table 2. STM32F3xx IAP implementation
Firmware
Hardware
The IAP program is
located at
0x8000000. The
Flash routines
(program/erase)
are executed from
the Flash memory.
The size of this
program is about
2Kbytes and
programmed on:
The user application
(image to be
downloaded with the
IAP) will be
programmed starting
from address
0x8003000(1)
The maximum size of
the image to be loaded
is:
1. User application location address is defined in the flash_if.h file as: #define APPLICATION_ADDRESS
0x8003000.
To modify it, change the default value to the desired one.
The image is uploaded
with the IAP from the
STM32F3xx internal
Flash. The size of the
image to be uploaded
is:
Push-button
(active level:
high)
USART
used
page 0
244 Kbytes (2)
(page 1- page122)
2. 500 Kbyte for STM32F303xDxE microcontrollers that provide up to 512 Kbytes of Flash memory.
244 Kbyte(2)
(page 1- page122)
Key push-button
connected to pin
PA2
USART2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com