Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4062 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4062
Description  STM32F0DISCOVERY peripheral firmware examples
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4062 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4062 Datasheet HTML 4Page - STMicroelectronics AN4062 Datasheet HTML 5Page - STMicroelectronics AN4062 Datasheet HTML 6Page - STMicroelectronics AN4062 Datasheet HTML 7Page - STMicroelectronics AN4062 Datasheet HTML 8Page - STMicroelectronics AN4062 Datasheet HTML 9Page - STMicroelectronics AN4062 Datasheet HTML 10Page - STMicroelectronics AN4062 Datasheet HTML 11Page - STMicroelectronics AN4062 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Peripheral firmware examples description
AN4062
8/17
DocID022897 Rev 3
Description
After reset, the program waits for the User button connected to PA.00 to be pressed to enter
the selected low power mode.
•
When the RTC is used, the wakeup from low power mode is automatically generated
by the RTC (after 5s).
•
In Sleep mode and Standby mode, press again the User button to exit the low power
mode.
The different low power mode configurations are:
Sleep mode
–
System running at PLL (48 MHz)
–
Flash 3 wait state
–
Code running from Internal Flash
–
All peripherals disabled
–
Wakeup using EXTI Line (User push-button PA.00)
Stop mode
–
RTC clocked by LSI
–
Regulator in LP mode
–
HSI, HSE OFF and LSI if not used as RTC clock source
–No IWDG
–
Flash in deep power down mode
–
Automatic Wakeup using RTC clocked by LSI
Standby mode
–RTC OFF
–
IWDG and LSI OFF
–
Wakeup using Wakeup Pin (PA.00)
Standby mode with RTC clocked by LSI
–
RTC clocked by LSI
–
IWDG OFF and LSI OFF if not used as RTC clock source
–
Automatic Wakeup using RTC clocked by LSI
3.7
Flash program example
Purpose
This example describes how to program the STM32F0xx internal Flash.
Description
In this example:
•
After Reset, the Flash memory Program/Erase Controller is locked. The
FLASH_Unlock function is used to unlock it.
•
Before programming the desired addresses, an erase operation is performed using the
Flash erase sector feature. The erase procedure starts with the calculation of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com