Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4067 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 18Page - STMicroelectronics AN4067 Datasheet HTML 19Page - STMicroelectronics AN4067 Datasheet HTML 20Page - STMicroelectronics AN4067 Datasheet HTML 21Page - STMicroelectronics AN4067 Datasheet HTML 22Page - STMicroelectronics AN4067 Datasheet HTML 23Page - STMicroelectronics AN4067 Datasheet HTML 24Page - STMicroelectronics AN4067 Datasheet HTML 25Page - STMicroelectronics AN4067 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Low-speed internal oscillator measurement
AN4067
22/27
DocID022913 Rev 2
4
Low-speed internal oscillator measurement
The internal LSI RC oscillator is a low-power clock source. In the STM32F0x microcontroller
family, an internal and indirect connection is provided between the internal RC oscillator LSI
and the embedded timer TIM14 to facilitate the measurement procedure.
4.1
Measurement principle
The internal RC oscillator measurement procedure consists in running the timer counter
using the HSI clock, configuring the internal RC oscillator LSI as the clock source for RTC,
configuring the timer in Input capture mode and then connecting the RTC to the timer.
Figure 14 shows the configuration used to perform an LSI measurement.
Figure 14. LSI measurement configuration
After enabling the timer counter, when the first rising edge of the internal oscillator signal to
be measured occurs, the timer counter value is captured and then stored in
IC1ReadValue1. On the second rising edge, the timer counter is captured again and stored
in IC1ReadValue2. The elapsed time between two consecutive rising edges of the clock
represents an entire period. Figure 15 shows the timing diagram of an internal RC oscillator
measurement.
Note:
MCO can be also used for this purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com