Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4073 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 6Page - STMicroelectronics AN4073 Datasheet HTML 7Page - STMicroelectronics AN4073 Datasheet HTML 8Page - STMicroelectronics AN4073 Datasheet HTML 9Page - STMicroelectronics AN4073 Datasheet HTML 10Page - STMicroelectronics AN4073 Datasheet HTML 11Page - STMicroelectronics AN4073 Datasheet HTML 12Page - STMicroelectronics AN4073 Datasheet HTML 13Page - STMicroelectronics AN4073 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Firmware techniques for improving the conversion accuracy
AN4073
10/32
DocID022945 Rev 5
2.2
Additional recommendation
ADC conversion results are the ratio of the input voltage to the reference voltage. If there is
noise in the reference voltage, then the results may not be accurate. Both hardware and
firmware design are responsible for reducing the noise.
The execution of code generates some non-negligible noise on the internal power supply
network of the microcontroller. To filter this noise, the VDDA (or VREF) and VSSA analog
supply pins are available on the microcontroller package; you can connect a capacitor filter
to these power supply pins to filter a high frequency noise.
Here are some general firmware design tips for reducing system noise in order to achieve a
better ADC conversion accuracy:
1.
Avoid starting transmission on any communication peripheral just before starting the
ADC conversion. The toggling of the I/Os may create some noise in the supply voltage.
2.
Avoid toggling high-sink I/Os which cause noise ripples in the power supply.
3.
Avoid toggling digital outputs on the same I/O port as the A/D input is being converted.
This can introduce switching noise into the analog inputs.
4.
It is recommended to configure the STM32F2/F4 ART with data cache + Instruction
cache enable and to disable the prefetch. This will avoid extra CPU accesses to the
Flash memory causing an additional noise which can significantly decrease the ADC
accuracy in some applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com