Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0564 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0564
Description  Device firmware upgrade
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0564 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0564 Datasheet HTML 2Page - STMicroelectronics UM0564 Datasheet HTML 3Page - STMicroelectronics UM0564 Datasheet HTML 4Page - STMicroelectronics UM0564 Datasheet HTML 5Page - STMicroelectronics UM0564 Datasheet HTML 6Page - STMicroelectronics UM0564 Datasheet HTML 7Page - STMicroelectronics UM0564 Datasheet HTML 8Page - STMicroelectronics UM0564 Datasheet HTML 9Page - STMicroelectronics UM0564 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Requirements
UM0564
6/20
Installing CAPS
Follow these procedures and the on-screen instructions to install CAPS:
–
Download the compressed CAPS software from the web site
–
Extract the contents of the .zip file into a temporary directory
–
Double-click the extracted executable, setup.exe, to initiate the installation, and
follow the on-screen prompts to install CAPS in the development environment.
This executable installs all the necessary files and configures the PC environment
for running CAPS. You may be prompted to restart your PC before running CAPS
for the first time following the installation.
CAPS installation includes a number of utilities. Documentation for the utilities is located in
the subdirectory \Docs where CAPS is installed.
For more information regarding the CAPS tool, please refer to user manual UM0225.
●
STR91xFA firmware library(2)
Please refer to user manual UM0233, which describes the STR91xFA peripheral firmware
library: a collection of routines, data structures and macros that cover the features of each
peripheral.
●
DFU firmware(2)(3)
Load the DFU firmware into the micro internal Flash memory using the desired toolchain.
The DFU firmware is a part of the USB development kit and is available for download from
the STMicroelectronics website: www.st.com. This firmware has been tested with IAR
Embedded Workbench version 4.41A.
●
DFU PC software - DfuSe demo(2)(3)
The DfuSe demonstration user interface is designed to work with all STMicroelectronics
devices that support USB device firmware upgrade. The installation software and the
documentation are available for download from the ST web site: www.st.com.
Software installation:
Run the setup.exe file. The Installshield Wizard will guide you through the installation of the
DfuSe applications and source code on your computer. The driver files are located in the
Driver folder in the installation path (default: C:\Program Files\STMicroelectronics\DfuSe).
Note:
1
Part of the STEVAL-IFD001V1 package.
2
Software is available on the CD.
3
Also available at www.st.com/mcu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com