Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0592 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0592
Description  This document explains the use of the HDD extension demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0592 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0592 Datasheet HTML 2Page - STMicroelectronics UM0592 Datasheet HTML 3Page - STMicroelectronics UM0592 Datasheet HTML 4Page - STMicroelectronics UM0592 Datasheet HTML 5Page - STMicroelectronics UM0592 Datasheet HTML 6Page - STMicroelectronics UM0592 Datasheet HTML 7Page - STMicroelectronics UM0592 Datasheet HTML 8Page - STMicroelectronics UM0592 Datasheet HTML 9Page - STMicroelectronics UM0592 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Getting started
UM0592
6/22
Doc ID 15036 Rev 1
1.4.1
Power supply
A typical HDD requires both 5 V and 12 V supplies. The HDD bridge extension board for the
EVAL-STR910 is designed to be powered by the following:
●
an ATX-SMPS to provide a 5 V supply to the board, and a 5 V and 12 V supply to the
hard disk
●
or by using separate 5 and 12 V DC supplies to power on the hard disk and board.
Note:
The supply should meet the current ratings mentioned on the hard disk. The better option is
to choose the ATX-SMPS.
The EVAL-STR910 demonstration board is designed to be powered by a 5 V DC power
supply. It is possible to provide 5 V DC power from the daughterboard extension connectors
by selecting the suitable jumper of the EVAL-STR910 board and extension board as
explained below. The power supply is configured by setting the related jumpers and
connectors as described in Table 1.
Table 1.
Power supply jumper setting
Power supply
Description
ATX-SMPS
The board has a power-on provision using the ATX-SMPS. Connect the floppy drive power-
on connector to J16 of the extension board as shown in Figure 10. Also connect the ATX-
PWR-ON connector provided by the SMPS to power on the external HDD.
Jumper settings are as follows:
– J16 (of extension board): make sure the direction of the 5 V and 12 V connection on the
board is correct.(1)
– J6 (of EVAL-STR910 board): open: fit the jumper on DTB of CN6 to provide 5 V DC power
from the extension board extension connectors
Separate 5 and 12 V
DC supply
Fit the jumpers on DTB and PSU of JP6 to provide the 5 V supply to the board and the
extension board. External 12 V and 5 V are needed to power on the hard disk. (2)
If the user does not have a separate supply to power on the board, then these options are
better.
– J16 (of extension board): open
– J6: (of EVAL-STR910 board): for the power supply jack (CN2) to both the EVAL-STR910
demonstration board and the extension board connected to CN5 and CN6, JP6 is set as
shown:
or
– J16 (of extension board): fitted
– J6 (of EVAL-STR910 board): fit the jumper on DTB of CN6 to provide 5 V DC power from
the daughterboard extension connectors.
1.
A reverse connection will damage the board
2.
Supply should meet the current ratings mentioned on the hard disk
USB
DTB
PSU
USB
DTB
PSU
USB
DTB
PSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com