Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0844 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 19Page - STMicroelectronics UM0844 Datasheet HTML 20Page - STMicroelectronics UM0844 Datasheet HTML 21Page - STMicroelectronics UM0844 Datasheet HTML 22Page - STMicroelectronics UM0844 Datasheet HTML 23Page - STMicroelectronics UM0844 Datasheet HTML 24Page - STMicroelectronics UM0844 Datasheet HTML 25Page - STMicroelectronics UM0844 Datasheet HTML 26Page - STMicroelectronics UM0844 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
UM0844
The SPEAr Linux Support Package (LSP2.3)
Doc ID 16544 Rev 3
23/43
3
The SPEAr Linux Support Package (LSP2.3)
3.1
Overview
The SPEAr Linux Support Package (LSP2.3) provides all the host-side (PC) and target-side
(evaluation board) software components enabling system designers to develop their own
applications for SPEAr-based platforms, as well as to customize the various aspects of the
embedded software architecture.
The components can be summarized as follows:
●
Command-line cross-development toolchain (compiler, linker, building tools, etc.),
running on a Linux x86 PC
●
Graphical IDE (ST Workbench), running on a Linux x86 PC
●
Software for incremental online update of SPEAr Linux Support Package (LSP2.3)
components
●
A set of open source user-space ARM packages (programs and runtime libraries) to be
promptly reused in root filesystems as support to specific applications
●
Linux kernel (2.6.27 or higher), configurable for the different SPEAr evaluation boards;
it includes BSP/device drivers for the SPEAr hardware features
●
U-Boot boot loader, with added support for SPEAr evaluation boards
●
XLoader firmware, configurable for the different SPEAr evaluation boards
Most distribution components are also available as source code (SRPM files).
Full details about STLinux components are reported in other specific documents.
3.2
Licensing
The SPEAr Linux Support Package (LSP2.3) includes a wide number of packages, each
having a relative license. The most common licenses are the GNU Public License (GPL)
and the GNU Lesser Public License (LGPL). Even if there are different versions of the GPL
and the LGPL packages, they are all licensed under Version 2 (or earlier) of the GPL or the
LGPL. The GNU licenses are administered by the Free Software Foundation.
Another commonly used license type is the Berkeley Software Distribution (BSD) developed
by the University of California in order to ensure academic freedom relating to software
works. The remaining packages are covered by a variety of open source licenses, most of
which are simple and straightforward. Further information can be found on the Web sites of
these packages.
While license information is given in good faith, ST cannot guarantee the accuracy of this
information, which has been collated from a variety of open source projects and other
sources. ST hereby expressly disclaims any responsibility for error, omission, or
misinterpretation, and for any or all loss or damages caused by reliance on this license
information. Confirmation of the accuracy of this license information should be confirmed
independently by the licensee. It remains under responsibility of the licensee to ensure that
all software obtained from this site is used in accordance with the appropriate license
conditions, as provided from the original master source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com