Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1494 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1494
Description  The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1494 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1494 Datasheet HTML 3Page - STMicroelectronics UM1494 Datasheet HTML 4Page - STMicroelectronics UM1494 Datasheet HTML 5Page - STMicroelectronics UM1494 Datasheet HTML 6Page - STMicroelectronics UM1494 Datasheet HTML 7Page - STMicroelectronics UM1494 Datasheet HTML 8Page - STMicroelectronics UM1494 Datasheet HTML 9Page - STMicroelectronics UM1494 Datasheet HTML 10Page - STMicroelectronics UM1494 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
UM1494
Demonstration board presentation
Doc ID 022519 Rev 1
7/23
The Kit purpose is the promotion of various kinds of applications where the AC switch is
controlled in ON/OFF full-phase mode. The switch control is based on the information push
button evaluated by the MCU.
As mentioned, the board software can easily be modified to final application requirements.
Here below is a list of possible applications that can be addressed:
●
Fridge
●
Breadmaker
●
Soy milk maker
●
Coffee machine
Additionally, the list of loads that can be controlled with this board is as follows:
●
Valves
●
Pumps
●
Door locks
●
Heating resistors up to 500 W
The added advantages of this board are:
●
Spark free operation
●
No EMI or acoustic noise
2.3
Operation principle
The board operation principle is based on MCU software. Implemented software features
are:
●
50/60 Hz detection implemented
●
Full wave operation (zero voltage turn-on of the switch) according to push button
action.
2.4
Operating conditions
The board operates in nominal line voltage 230 V in both 50/60 Hz power nets.
●
Line RMS voltage range: 197 to 264 V, 50 or 60 Hz
●
Operating ambient temperature 10 to 60 °C
●
Load power ranges (for 230 V RMS voltage)
–
OUT 1 controlled by ACS108-6SUF: 0 to 100 W
–
OUT 2 controlled by T1010H-6G: 100 to 500 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com