Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6000 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6000
Description  Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6000 Datasheet HTML 4Page - Linear Technology LT6000 Datasheet HTML 5Page - Linear Technology LT6000 Datasheet HTML 6Page - Linear Technology LT6000 Datasheet HTML 7Page - Linear Technology LT6000 Datasheet HTML 8Page - Linear Technology LT6000 Datasheet HTML 9Page - Linear Technology LT6000 Datasheet HTML 10Page - Linear Technology LT6000 Datasheet HTML 11Page - Linear Technology LT6000 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
8
TYPICAL PERFOR A CE CHARACTERISTICS
0.1Hz to 10Hz Output Voltage Noise
Open-Loop Gain
Output Short-Circuit Current vs
Total Supply Voltage (Sourcing)
TOTAL SUPPLY VOLTAGE (V)
1
8
10
14
4
60012 G11
6
4
23
5
2
0
12
VCM = 0.5V
OUTPUT SHORTED TO V–
TA = 125°C
TA = 25°C
TA = –55°C
Output Short-Circuit Current vs
Total Supply Voltage (Sinking)
TOTAL SUPPLY VOLTAGE (V)
1
4
6
5
60012 G12
2
0
2
3
4
10
8
VCM = 0.5V
OUTPUT SHORTED TO V+
TA = 125°C
TA = 25°C
TA = –55°C
TIME (SECONDS)
24
6
8
60012 G13
10
1
03
5
7
9
VS = ±2.5V
Noise Voltage Density vs Frequency
FREQUENCY (Hz)
1
50
80
90
100
10
100
1000
60012 G14
70
60
VS = 5V, 0V
TA = 25°C
VCM = 4.5V
VCM = 2.5V
Input Noise Current vs Frequency
FREQUENCY (Hz)
1
10
100
1000
10
100
1000
60012 G15
VS = 5V, 0V
TA = 25°C
VCM = 4.5V
VCM = 2.5V
OUTPUT VOLTAGE (V)
0
–60
–40
–20
0
20
60
0.3
0.6
0.9
1.2
60012 G16
1.5
1.8
40
VS = 1.8V, 0V
VCM = 0.5V
TA = 25°C
RL = 10k
RL = 100k
OUTPUT VOLTAGE (V)
0
0
20
4
60012 G17
–20
–40
1
2
3
5
40
VS = 5V, 0V
VCM = 2.5V
TA = 25°C
RL = 10k
RL = 100k
OUTPUT VOLTAGE (V)
–2.5
200
150
100
50
0
–50
–100
–150
– 200
1.5
20012 G18
–1.5
–0.5
0.5
2.5
1
–2
–1
0
2
VS = ±2.5V
TA = 25°C
RL = 10k
RL = 100k
Open-Loop Gain
Open-Loop Gain
Output Saturation Voltage
vs Input Overdrive
INPUT OVERDRIVE (mV)
0
0
20
40
60
5
10
15
20
60012 G10
25
80
100
10
30
50
70
90
30
VS = 5V, 0V
NO LOAD
OUTPUT HIGH
OUTPUT LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com