Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4080 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 5Page - STMicroelectronics AN4080 Datasheet HTML 6Page - STMicroelectronics AN4080 Datasheet HTML 7Page - STMicroelectronics AN4080 Datasheet HTML 8Page - STMicroelectronics AN4080 Datasheet HTML 9Page - STMicroelectronics AN4080 Datasheet HTML 10Page - STMicroelectronics AN4080 Datasheet HTML 11Page - STMicroelectronics AN4080 Datasheet HTML 12Page - STMicroelectronics AN4080 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID023035 Rev 4
9/35
AN4080
Power supplies and reset sources of the STM32F0xx family
34
1.1.1
Independent analog converter supply
To improve conversion accuracy and to extend the supply flexibility, the analog domain has
an independent power supply which can be separately filtered and shielded from noise on
the PCB.
•
The ADC and DAC voltage supply input is available on a separate VDDA pin.
•
A separated supply ground connection is provided on pin VSSA.
The VDDA supply can be equal to or higher than VDD. This allows VDD to stay low while still
providing the full performance for the analog blocks.
When a single supply is used, VDDA must be externally connected to VDD. It is
recommended to use an external filtering circuit in order to ensure a noise free VDDA.
When VDDA is different from VDD, VDDA must be always higher or equal to VDD. To keep
safe potential difference between VDDA and VDD during power-up/power-down, an external
Schottky diode may be used between VDD and VDDA. Refer to the datasheet for the
maximum allowed difference.
Figure 3. Schottky diode connection
1.1.2
Battery backup
To retain the content of the Backup registers when VDD is turned off, the VBAT pin can be
connected to an optional standby voltage supplied by a battery or another source.
The VBAT pin also powers the RTC unit, allowing the RTC to operate even when the main
digital supply (VDD) is turned off.
The switch to the VBAT supply is controlled either by the POR/PDR circuitry embedded in
the reset block on STM32F0x1/x2 devices, or by the NPOR pin on STM32F0x8 devices.
If no external battery is used in the application, it is recommended to connect VBAT
externally to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com