Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4112 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4112
Description  Using STM32F05xx analog comparators in application cases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4112 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4112 Datasheet HTML 6Page - STMicroelectronics AN4112 Datasheet HTML 7Page - STMicroelectronics AN4112 Datasheet HTML 8Page - STMicroelectronics AN4112 Datasheet HTML 9Page - STMicroelectronics AN4112 Datasheet HTML 10Page - STMicroelectronics AN4112 Datasheet HTML 11Page - STMicroelectronics AN4112 Datasheet HTML 12Page - STMicroelectronics AN4112 Datasheet HTML 13Page - STMicroelectronics AN4112 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Pulse width measurement
AN4112
10/17
Doc ID 023195 Rev 1
Figure 7.
Pulse width measurement: COMP2 output redirection to timer
1.
The duration that should be measured.
Note:
1
The signal frequency can be achieved by configuring the timer input capture channel to save
the counter value on only a rising or falling edge.
2
The DAC outputs (DAC_OUT) can be used as inverting inputs to allow the reference voltage
level (threshold) to be internally provided and programmable by software from 0 V to VREF+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com