Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4127 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4127
Description  This document describes the STEVAL-SPBT3ATV3 demonstration board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4127 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4127 Datasheet HTML 6Page - STMicroelectronics AN4127 Datasheet HTML 7Page - STMicroelectronics AN4127 Datasheet HTML 8Page - STMicroelectronics AN4127 Datasheet HTML 9Page - STMicroelectronics AN4127 Datasheet HTML 10Page - STMicroelectronics AN4127 Datasheet HTML 11Page - STMicroelectronics AN4127 Datasheet HTML 12Page - STMicroelectronics AN4127 Datasheet HTML 13Page - STMicroelectronics AN4127 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Getting started
AN4127
10/27
Doc ID 023304 Rev 1
●
Step 4:
Open the Windows® device manager application to verify correct installation, and see which
COM port has been assigned to the STEVAL-SPBT3ATV3 Bluetooth serial device. The
STEVAL-SPBT3ATV3 is usually assigned the same virtual COM port each time it is inserted
(unless there are other virtual COM devices altering port assignments).
Two device drivers for the STEVAL-SPBT3ATV3 Bluetooth device should be seen here.
Figure 13.
Windows device manager
The CP2102 chip provides the function of using standard UART serial communications from
the computer via the universal serial bus, and interfaces directly to the Bluetooth module
inside the STEVAL-SPBT3ATV3 Bluetooth serial adapter. If USB driver wizard installation
fails, follow Appendix A: USB driver installation installation procedure.
6.2
Setup and connect
The purpose of this section is to describe all the necessary steps to establish a connection
between two Bluetooth STEVAL-SPBT3ATV3 dongles realizing a serial line/cable
replacement application.
Two PCs and two STEVAL-SPBT3ATV3 boards are needed to perform the connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com