Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4198 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4198
Description  The SPIRIT1 is a very low-power RF transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4198 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4198 Datasheet HTML 1Page - STMicroelectronics AN4198 Datasheet HTML 2Page - STMicroelectronics AN4198 Datasheet HTML 3Page - STMicroelectronics AN4198 Datasheet HTML 4Page - STMicroelectronics AN4198 Datasheet HTML 5Page - STMicroelectronics AN4198 Datasheet HTML 6Page - STMicroelectronics AN4198 Datasheet HTML 7Page - STMicroelectronics AN4198 Datasheet HTML 8Page - STMicroelectronics AN4198 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN4198
Application circuit
Doc ID 023916 Rev 1
3/12
1
Application circuit
The SPIRIT1 integrates a switched mode power supply (SMPS) regulator allowing operation
from a battery voltage ranging from +1.8 V to +3.6 V. With power conversion efficiency of at
least 80%, the SMPS saves current consumption in the active mode.
In the default configuration the transmitter power amplifier (PA) output (pin 12 of the
SPIRIT1) is biased by the 1.4V SMPS voltage output through the L0 external inductor
(Figure 1). This limits the maximum output power at about +11 dBm, measured at the 50
Ohm connector via the reference design.
Biasing the PA output through the inductor L0 directly connected to the battery, instead of
the SMPS output (as shown in Figure 2) allows the maximum output power delivered at the
50 ohm connector (or at the antenna) to be increased. The maximum output power changes
with the voltage level applied at the PA output. Section 2 reports the maximum output power
achievable changing the voltage level in each ISM sub-band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com