Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2907 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2907
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907 Datasheet(HTML) 1 Page - Linear Technology

  LTC2907 Datasheet HTML 1Page - Linear Technology LTC2907 Datasheet HTML 2Page - Linear Technology LTC2907 Datasheet HTML 3Page - Linear Technology LTC2907 Datasheet HTML 4Page - Linear Technology LTC2907 Datasheet HTML 5Page - Linear Technology LTC2907 Datasheet HTML 6Page - Linear Technology LTC2907 Datasheet HTML 7Page - Linear Technology LTC2907 Datasheet HTML 8Page - Linear Technology LTC2907 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2906/LTC2907
1
29067f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
s
Monitors Two Inputs Simultaneously
s
Three Threshold Selections for 5V, 3.3V or 2.5V
Supplies
s
Low Voltage Adjustable Input (0.5V)
s
Three Supply Tolerances (5%, 7.5%, 10%)
s
Guaranteed Threshold Accuracy:
±1.5% of
Monitored Voltage Over Temperature
s
Internal VCC Auto Select
s
Power Supply Glitch Immunity
s
200ms Reset Time Delay (LTC2906 Only)
s
Adjustable Reset Time Delay (LTC2907 Only)
s
Open Drain RST Output
s
Guaranteed RST for V1
≥ 1V or VCC ≥ 1V
s
Low Profile (1mm) SOT-23 (ThinSOT
TM) and
Plastic (3mm
× 2mm) DFN Packages
s
Desktop and Notebook Computers
s
Handheld Devices
s
Network Servers
s
Core, I/O Monitor
Precision Dual Supply Monitors
with One Pin-Selectable Threshold
and One Adjustable Input
The LTC
®2906/LTC2907 are dual supply monitors in-
tended for systems with multiple supply voltages. The
dual supply monitors have a common reset output with
delay (200ms for the LTC2906 and adjustable using an
external capacitor for the LTC2907). These products pro-
vide a precise, space-conscious and micropower solution
for supply monitoring.
The LTC2906/LTC2907 feature a tight 1.5% threshold
accuracy over the whole operating temperature range
and glitch immunity to ensure reliable reset operation
without false triggering. The open drain RST output state
is guaranteed to be in the correct state for V1 and/or VCC
down to 1V.
The LTC2906/LTC2907 also feature one adjustable input
with a nominal threshold level at 0.5V, another input with
three possible input threshold levels, and three supply
tolerances for possible margining. These features provide
versatility for any kind of system requiring dual supply
monitors. Two three-state input pins program the thresh-
old and tolerance level without requiring any external
components.
, LTC and LT are registered trademarks of Linear Technology Corporation.
V1
VCC
S1
TOL
VADJ
TMR
GND
RST
LTC2907
22nF
0.1
µF
0.1
µF
DC/DC
CONVERTER
SYSTEM
LOGIC
29067 TA01
0.8V
2.5V
TOLERANCE = 10%
49.9k
100k
Dual Supply Monitor with Adjustable Tolerance (2.5V, 0.8V)
Supply Selection Programming
V1
S1
5.0
V1
3.3
OPEN
2.5
GND
Tolerance Programming
TOLERANCE
TOL
5%
V1
7.5%
OPEN
10%
GND


Similar Part No. - LTC2907

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2907 LINER-LTC2907 Datasheet
191Kb / 16P
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2907 LINER-LTC2907 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2907 LINER-LTC2907 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2907 LINER-LTC2907 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2907 LINER-LTC2907 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC2907

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2906 LINER-LTC2906 Datasheet
191Kb / 16P
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
LTC2904 LINER-LTC2904_09 Datasheet
157Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905 LINER-LTC2905_15 Datasheet
161Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2906 LINER-LTC2906_15 Datasheet
204Kb / 16P
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
Overall Gain Adjustable With One External Resistor
logo
PHOENIX CONTACT
ETD-SL-1T-DTF PHOENIX-ETD-SL-1T-DTF Datasheet
159Kb / 9P
Multifunctional timer relay with one adjustable time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com