Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4232 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 8Page - STMicroelectronics AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics AN4232 Datasheet HTML 11Page - STMicroelectronics AN4232 Datasheet HTML 12Page - STMicroelectronics AN4232 Datasheet HTML 13Page - STMicroelectronics AN4232 Datasheet HTML 14Page - STMicroelectronics AN4232 Datasheet HTML 15Page - STMicroelectronics AN4232 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application examples
AN4232
12/17
DocID024134 Rev 2
2.4
Preventing false over-current detections in motor control
applications
Note:
The output blanking feature is only available on STM32F30x devices.
At PWM startup, a very high current flows through the current shunt during a short time and
may be seen by the comparator as greater than the inverting input. In this case, the
comparator output will be set and may generate an unwanted emergency stop if the
comparator is connected to the timer break input. This startup current is acceptable at the
beginning of PWM periods and must not be managed by the comparator as a fault current
(short-circuit, overload, ground fault, etc.)
In STM32F30x devices, the analog comparator output can be blanked using a timer output
as a blanking source. The blanking source is selected/configured by software and is ANDed
with the comparator output, resulting in a final comparator output which is not high during
the peaks at the beginning of the PWM periods.
Figure 7 shows how the comparator output is ANDed with a timer output in order to blank
the comparator output for a programmed duration. The same TIM as the one used for the
PWM generation can also be used for comparator blanking.
Figure 7. Comparator output blanking
An example code written in C language is available in the
Project\STM32F30x_StdPeriph_Examples\COMP\COMP_OutputBlanking folder in the
STM32F30x_DSP and standard peripherals library package stm32f30x_dsp_stdperiph_lib.
Note:
In STM32CubeF3 firmware package this example is available in the
Projects\STM32303C_EVAL\Examples\COMP\COMP_OutputBlanking and the
Projects\STM32303E_EVAL\Examples\COMP\COMP_OutputBlanking folders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com