Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4246 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4246
Description  Proprietary Code Read Out Protection on STM32L1 microcontrollers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4246 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4246 Datasheet HTML 1Page - STMicroelectronics AN4246 Datasheet HTML 2Page - STMicroelectronics AN4246 Datasheet HTML 3Page - STMicroelectronics AN4246 Datasheet HTML 4Page - STMicroelectronics AN4246 Datasheet HTML 5Page - STMicroelectronics AN4246 Datasheet HTML 6Page - STMicroelectronics AN4246 Datasheet HTML 7Page - STMicroelectronics AN4246 Datasheet HTML 8Page - STMicroelectronics AN4246 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2013
DocID024207 Rev 1
1/11
AN4246
Application note
Proprietary Code Read Out Protection
on STM32L1 microcontrollers
Introduction
The protection of the intellectual property of embedded code has become a high importance issue
concerning the microcontrollers. In order to provide this protection, STM32 microcontrollers have
different means of protecting Flash code against copy and reverse engineering.
This application note describes the generic STM32 family Flash protection features. The focus is on the
Proprietary Code Read Out Protection (PCROP) which is embedded in medium-density plus
STM32L151xC, STM32L152xC, STM32L162xC and STM32L100xC microcontrollers.
Table 1 lists the microcontrollers concerned by this application note.
Table 1. Applicable products
Type
Applicable products
Microcontrollers
STM32L1 (STM32L151xC, STM32L152xC, STM32L162xC and STM32L100xC)
www.st.com


Similar Part No. - AN4246

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
This application note provides an easy introduction to the usage
17-Sep-2013
AN4241 STMICROELECTRONICS-AN4241 Datasheet
286Kb / 18P
The L6470 and L6472 are fully integrated motor drivers providing
25-Jan-2013
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
New generation of 650 V SiC diodes
30-May-2013
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
The L6230 DMOS driver for three-phase brushless DC motor
29-Jan-2013
AN4248 STMICROELECTRONICS-AN4248 Datasheet
3Mb / 46P
60 W PSU design details for water purifier system
08-May-2014
More results

Similar Description - AN4246

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
8-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
8-bit Proprietary Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
8-bit Proprietary Microcontrollers
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
16-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
8-bit Proprietary Microcontrollers
logo
STMicroelectronics
AN3429 STMICROELECTRONICS-AN3429 Datasheet
66Kb / 5P
STM32 proprietary code protection overview
19-Jul-2011
AN4654 STMICROELECTRONICS-AN4654 Datasheet
645Kb / 32P
Migrating between STM32L1 and STM32L0 series microcontrollers
29-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com