Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4277 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4277
Description  Using STM32F3 Series PWM shut-down features for motor control and digital power conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4277 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4277 Datasheet HTML 6Page - STMicroelectronics AN4277 Datasheet HTML 7Page - STMicroelectronics AN4277 Datasheet HTML 8Page - STMicroelectronics AN4277 Datasheet HTML 9Page - STMicroelectronics AN4277 Datasheet HTML 10Page - STMicroelectronics AN4277 Datasheet HTML 11Page - STMicroelectronics AN4277 Datasheet HTML 12Page - STMicroelectronics AN4277 Datasheet HTML 13Page - STMicroelectronics AN4277 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Break sources summary
AN4277
10/23
DocID024409 Rev 2
3
Break sources summary
Table 2 summarizes the available break sources and their connections externally or
internally to timers (1, 8, 20, 15, 16 and 17) break inputs.
Table 2. Break input sources
BRK
BRK_ACTH
BRK2
External connection to pin BKIN
No corresponding I/O
BKIN2
Internal connection to
Comparators 4 and 7
for TIM1/8/20
NA for TIM15/16/17
– Clock failure event generated
by CSS
– Comparators 1, 2, 3, 5 and 6 for
TIM1/8/20 and
Comparators 3, 5 and 7 for
respectively TIM15, 16 and 17
– PVD output
– RAM parity error signal
–Cortex®-M4 LOCKUP output
(Hardfault)
Comparators 1, 2, 3, 4, 5,
6 and 7
Polarity feature in case of
internal connection
Configurable: active
high or active low
Always active high
Configurable: active high
or active low
Filter feature in case of
internal connection
Filter feature is
available
Filter feature is NOT available
Filter feature is available
Polarity feature in case of
external break event
Available
NA
Available
Filter feature in case of
external break event
Available
NA
Available
Available in
TIM1/8/20/15/16/17
TIM1/8/20/15/16/17
TIM1/8/20
Resulting break signal in
case of parallel external
or/and internal break
sources
It is an OR between the external break signal(s) and the internal one(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com