Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4316 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 10Page - STMicroelectronics AN4316 Datasheet HTML 11Page - STMicroelectronics AN4316 Datasheet HTML 12Page - STMicroelectronics AN4316 Datasheet HTML 13Page - STMicroelectronics AN4316 Datasheet HTML 14Page - STMicroelectronics AN4316 Datasheet HTML 15Page - STMicroelectronics AN4316 Datasheet HTML 16Page - STMicroelectronics AN4316 Datasheet HTML 17Page - STMicroelectronics AN4316 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Tuning of the thresholds
AN4316
14/26
DocID024847 Rev 2
4.2.2
Linear and rotary touch sensors thresholds
For such type of sensors, the approach is different in the sense that these sensors are
composed of several channels. The standard test finger must be moved along the whole
sensor and a log of the delta must be recorded using STM Studio.
Detection thresholds adjustment
A rotary sensor log example is provided below:
Figure 6. Rotary sensor log
The worst case delta as shown in the figure above must be considered as the baseline to
compute the threshold for this sensor. This threshold must be reached in order to trig the
computation of the position and to report a detection on this sensor.
The same ratio used for a touchkey can be applied to this baseline, so between 65 % and
55 % to enter in detection and between 35 % and 45 % to stop reporting a detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com