Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72042 Datasheet(PDF) 13 Page - NEC

Part # UPD72042
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042 Datasheet(HTML) 13 Page - NEC

Back Button UPD72042 Datasheet HTML 9Page - NEC UPD72042 Datasheet HTML 10Page - NEC UPD72042 Datasheet HTML 11Page - NEC UPD72042 Datasheet HTML 12Page - NEC UPD72042 Datasheet HTML 13Page - NEC UPD72042 Datasheet HTML 14Page - NEC UPD72042 Datasheet HTML 15Page - NEC UPD72042 Datasheet HTML 16Page - NEC UPD72042 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
µPD72042
13
Data Sheet S14870EJ1V0DS00
(2) Master address field
The master address field is used to transmit the local unit address (master address) to other units.
The master address field consists of master address bits and a parity bit.
A master address consists of 12 bits. It is output starting with the MSB.
When more than one unit starts transmitting the same broadcast bit value at the same time, arbitration
determination is performed by the master address field.
Each time a unit transmits one bit of the master address field, the unit compares its output data with the data
on the bus. If the comparison indicates that the master address output by the unit differs from the data on the
bus, the unit determines that it has lost an arbitration. The unit stops transmission, and readies itself for reception.
The IEBus is organized by wired AND. When arbitration is performed between units (arbitration masters), the
unit having the smallest master address value wins the arbitration.
After the 12-bit master address has been output, only one unit is finally determined as being the master unit,
such that that unit remains in the transmission state.
Next, the master unit outputs a parity bitNote to post the master address to other units. Then, the master unit
proceeds to the slave address field.
Note
Even parity is used. When the number of 1’s in the master address bits is odd, the parity bit is set to 1.
(3) Slave address field
The slave address field is used to transmit the address (slave address) of a unit (slave unit) with which the master
unit wants to communicate.
The slave address field consists of slave address bits, a parity bit, and an acknowledge bit.
A slave address consists of 12 bits. It is output starting with the MSB. After a 12-bit slave address has been
transmitted, a parity bit is output to prevent the slave address from being received incorrectly. Then, the master
unit attempts to detect the acknowledge signal from a slave unit to confirm that the slave unit exists on the bus.
When the acknowledge signal is detected, the master unit outputs a control field. Note, however, that when
performing broadcast, the master unit outputs the control field without attempting to detect the acknowledge bit.
The slave unit outputs an acknowledge signal when the slave unit recognizes a match between the slave unit’s
address and the slave address transmitted by the master unit match, and that both the master address and slave
address have even parity. If the slave unit detects odd parity, it does not recognize the addresses as matching,
so does not output an acknowledge signal. In this case, the master unit is placed in the standby (monitor) state,
and communication terminates.
For broadcast, the slave address is used to distinguish between group broadcast or general broadcast, as follows:
When the slave address is FFFH
:
General broadcast
When the slave address is other than FFFH
:
Group broadcast
Remark For group broadcast, the number of a target group is indicated by the high-order 4 bits of the slave
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com