Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-96 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX-96
Description  Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX-96 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX-96 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CX-96F
SMD
sFeatures
¡Ultrathin thickness 0.8mm or less. (4.9
×3.1×0.7mm)
¡It is a completely sealed type with a metal case sealed on a
ceramic board.
¡Because it is the leadless type, automatic mounting is possible.
¡High resolution frequency tolerance is obtained.
¡Reflow is possible.
sSpecifications
sOutline
sLand Pattern(reference)
Type
Frequency Range
Standard Frequency
Frequency Tolerance (at 25
:)
Frequency Tolerance Over The Oper. Temp. Range
Equivalent Series Resistance
Shunt Capacitance
Drive Level
Aging
Shock
12~100MHz *1
Table 1
±10, ±15, ±20×10-6
12~40MHz (Fund.)
40~100MHz (3rd O.T.)
90~100MHz (5th O.T.)
4pF MAX.
0.1mW MAX.
∆ F/F : ±2.0×10-6 MAX.
∆ F/F : ±2.0×10-6
CX-96F
Table 1 (referred to 25
:)
50
ΩMAX.
60
ΩMAX.
80
ΩMAX.
Height
Dummy
Times
: 120cm
: 70g
: 3side
×3times
hard wood
*1 Please indicate the degree of overtone.
* One unit 1000 pcs or 5000 pcs
4.9
±0.1
3.1
±0.1
CONNECTION
(TOP VIEW)
0.7
±0.1
1.3
12
43
2.3
1.3
0.9
4-R0.2
GND
HOT
HOT
GND
7.0
1.0
4.2
2.1
CX-96F
Dimensions(mm)
sTable 1 Standard Frequencies
Frequency (MHz)
Frequency (MHz)
12.000
12.800
13.000
14.400
16.000
19.200
26.000
32.000
48.000
sTable 2
Frequency Tolerance vs. Temperature Range
±3
Temperature Range (
:)
0~+50
-10~+50
-10~+60
-40~+85
Frequency Tolerance
(
×10-6)
±4
±5
±10
±20


Similar Part No. - CX-96

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-91F KSS-CX-91F Datasheet
148Kb / 1P
Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
More results

Similar Description - CX-96

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-16F KSS-CX-16F Datasheet
164Kb / 1P
Compact, thickness 1.6mm or less.
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
Ultra-thin, thickness 1.1mm or less.
CX-91F KSS-CX-91F Datasheet
148Kb / 1P
Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
logo
Cree, Inc
CXXXUT230-S0100 CREE-CXXXUT230-S0100 Datasheet
224Kb / 4P
UltraThin™ LEDs
CXXXUT230-S0002 CREE-CXXXUT230-S0002 Datasheet
245Kb / 4P
UltraThin™ LEDs
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
UltraThin LEDs
logo
BetLux Electronics
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
1.6mmx0.8mm SMD, 0.8mm THICKNESS
REV NO: V.2
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
2.0mmx1.25mm SMD, 0.8mm THICKNESS
REV NO: V.2
BL-LS5730A1S1 BETLUX-BL-LS5730A1S1 Datasheet
308Kb / 8P
SMD LED , 5.7mmx3.0mm SMD, 0.8mm THICKNESS
REV NO: V.3
BL-LS7020A1S1 BETLUX-BL-LS7020A1S1 Datasheet
458Kb / 8P
SMD LED , 7.0mmx2.0mm SMD, 0.8mm THICKNESS
REV NO: V.3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com