Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72042B Datasheet(PDF) 49 Page - NEC

Part # UPD72042B
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042B Datasheet(HTML) 49 Page - NEC

Back Button UPD72042B Datasheet HTML 45Page - NEC UPD72042B Datasheet HTML 46Page - NEC UPD72042B Datasheet HTML 47Page - NEC UPD72042B Datasheet HTML 48Page - NEC UPD72042B Datasheet HTML 49Page - NEC UPD72042B Datasheet HTML 50Page - NEC UPD72042B Datasheet HTML 51Page - NEC UPD72042B Datasheet HTML 52Page - NEC UPD72042B Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
µPD72042A, 72042B
49
DATA SHEET S13990EJ2V0DS00
Table 4-3
MARC Return Codes for Master Communication
MARC
Description
0100
1. Meaning: Master reception has started.
2. Occurrence condition:
1 The unit has won the arbitration to become the master unit, and a communication frame up to the
data-length field was transferred successfully.
2 When the control field is received, RBF becomes ready for receptionNote.
After the data-length field, 0000 is set in MARC, and three-byte data consisting of a slave address,
control bits, and data-length bits is set in RBF. If RBF becomes full when this three-byte data is set,
0001 is set in MARC.
3. Microcomputer processing: Three-byte data consisting of a slave address, control bits, and data-
length bits can be read from RBF.
0101
1. Meaning: The master reception buffer is full.
2. Occurrence condition: This return code is issued when RBF becomes full during data reception as the
master unit, and reception data cannot be set in RBF.
3. Microcomputer processing: If data consisting of one or more bytes is not read from RBF within the
time below, the one-byte data cannot be received, and the
µPD72042A or µPD72042B returns an NAK.
• Reception data read time:
Approx. 1570
µs (mode 0)
Approx. 390
µs (mode 1)
0110
1. Meaning: Master reception was terminated normally.
2. Occurrence condition: This return code is issued when as much data as the amount specified in the
data-length field has been received normally in a communication frame. In this case, the MARQ flag of
the FLG register changes from 1 to 0.
3. Microcomputer processing: Reception data can be read from RBF, and the number of bytes of
master reception data can be read from RDR1.
0111
1. Meaning: Master reception was aborted.
2. Occurrence condition: This return code is issued in any of the following cases. In each case, the
MARQ flag of the FLG register changes from 1 to 0.
•
When the unit has lost the arbitration to become the master unit.
•
When a transmission is stopped because the NAK is returned from the slave unit at the end of the
slave address field or the control field of a communication frame or because the NAK is sent to the
slave unit at the end of the data-length field of a communication frame (excluding the broadcast).
•
When a communication is terminated prior to the reception of as much data as the amount specified
in the data-length field of a communication frame.
3. Microcomputer processing: Reception data can be read from RBF, and the number of bytes of
master reception data can be read from RDR1.
Note
See Note of Table 4-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com