Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72107 Datasheet(PDF) 8 Page - NEC

Part # UPD72107
Description  LAP-B CONTROLLER(Link Access Procedure Balanced mode)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72107 Datasheet(HTML) 8 Page - NEC

Back Button UPD72107 Datasheet HTML 4Page - NEC UPD72107 Datasheet HTML 5Page - NEC UPD72107 Datasheet HTML 6Page - NEC UPD72107 Datasheet HTML 7Page - NEC UPD72107 Datasheet HTML 8Page - NEC UPD72107 Datasheet HTML 9Page - NEC UPD72107 Datasheet HTML 10Page - NEC UPD72107 Datasheet HTML 11Page - NEC UPD72107 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
µPD72107
SDIP
QFP
QFJ
Active
Pin No.
Pin No.
Pin No.
Level
B/W
11
24
12
I
L/H
Specifies the data bus that accesses the external
(Byte/Word)
memory when bus master.
B/W = 0
Byte units (8 bits)
B/W = 1
Word units (16 bits)
After power-on, fix the status of the B/W pin.
In the case of word access, the lower data bus is the
contents data of even addresses.
READY
59
4
63
I
H
An input signal that is used to extend the MRD and
(Ready)
MWR signal widths output by the
µPD72107 to
adapt to low-speed memory.
When the READY
signal is low level, the MRD and MWR signals
maintain active low. Do not change the READY
signal at any time other than the specified setup/
hold time.
HLDRQ
57
2
61
O
H
A hold request signal to the external host processor.
(Hold Request)
When a DMA operation is performed in the
µPD72107,
this signal is activated to switch from bus slave to
bus master.
HLDAK
58
3
62
I
H
A hold acknowledge signal from the external host
(Hold Acknowledge)
processor. When the
µPD72107 detects that this
signal is active, the bus slave switches to bus
master, and a DMA operation is started.
AEN
61
6
65
O
H
When bus master, this signal enables the latched
(Address Enable)
higher addresses and outputs them to system ad-
dress bus. This signal is also used for disabling
other system bus drivers.
A0, A1
15, 16
30, 31
17, 18
I/O
–
Bidirectional 3-state address lines.
3-state
When bus master (output)
Indicate the lower 2-bit addresses of memory access.
When bus slave (input)
Input addresses when the external host processor
I/O accesses the
µPD72107.
A2 to A15
17 to 30
32 to 47
19 to 32
O
–
When bus master
(except
3-state
Output bit 2 to bit 15 of memory access addresses.
40, 41)
When bus slave
Become high impedance.
I/O
Pin Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com