Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3409 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3409
Description  600mA Low VIN Buck Regulator in 3mm 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3409 Datasheet HTML 8Page - Linear Technology LTC3409 Datasheet HTML 9Page - Linear Technology LTC3409 Datasheet HTML 10Page - Linear Technology LTC3409 Datasheet HTML 11Page - Linear Technology LTC3409 Datasheet HTML 12Page - Linear Technology LTC3409 Datasheet HTML 13Page - Linear Technology LTC3409 Datasheet HTML 14Page - Linear Technology LTC3409 Datasheet HTML 15Page - Linear Technology LTC3409 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3409
13
3409fc
Notethatathighersupplyvoltages,thejunctiontemperature
is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (ΔILOAD • ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or dis-
charge COUT, which generates a feedback error signal. The
regulator loop then acts to return VOUT to its steady state
value. During this recovery time VOUT can be monitored
for overshoot or ringing that would indicate a stability
problem. For a detailed explanation of switching control
loop theory, see Application Note 76.
A second, more severe transient is caused by switching
in loads with large (>1μF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem if the
load switch resistance is low and it is driven quickly. The
only solution is to limit the rise time of the switch drive
so that the load rise time is limited to approximately
(25 • CLOAD). Thus, a 10μF capacitor charging to 3.3V
would require a 250μs rise time, limiting the charging
current to about 130mA.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3409. These items are also illustrated graphically
in the layout diagram of Figure 3. Check the following in
your layout.
1. Does the capacitor CIN connect to the power VIN
(Pins 3, 4) and GND (Exposed Pad) as close as pos-
sible? This capacitor provides the AC current to the
internal power MOSFETs and their drivers.
2. Are the COUT and L1 closely connected? The (–) plate of
COUT returns current to GND and the (–) plate of CIN.
3. The resistor divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground sense line
terminated near GND (Exposed Pad). The feedback
signals VFB should be routed away from noisy compo-
nents and traces, such as the SW line (Pins 6), and its
trace should be minimized.
4. Keep sensitive components away from the SW pins.
The input capacitor CIN and the resistors R1 and R2
should be routed away from the SW traces and the
inductors.
5. A ground plane is preferred, but if not available, keep
the signal and power grounds segregated with small
signal components returning to the GND pin at one
point. They should not share the high current path of
CIN or COUT.
6. Flood all unused areas on all layers with copper. Flooding
with copper will reduce the temperature rise of power
components. These copper areas should be connected
to VIN or GND.
VIN
VIN
LTC3409
RUN
VFB
SYNC
MODE
SW
L1
C1
CIN
R1
R2
VIN
SGND GND
COUT
3409 F03
VOUT
Figure 3
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com