Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3421 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 4 Page - Linear Technology

  LTC3421 Datasheet HTML 1Page - Linear Technology LTC3421 Datasheet HTML 2Page - Linear Technology LTC3421 Datasheet HTML 3Page - Linear Technology LTC3421 Datasheet HTML 4Page - Linear Technology LTC3421 Datasheet HTML 5Page - Linear Technology LTC3421 Datasheet HTML 6Page - Linear Technology LTC3421 Datasheet HTML 7Page - Linear Technology LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3421
4
3421f
TYPICAL PERFOR A CE CHARACTERISTICS
Single Cell to 3.3V Efficiency
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3421 G01
0
1
Burst Mode OPERATION
VIN = 1.5V
VOUT = 3.3V
fOSC = 1MHz
VIN = 1V
VIN = 1.2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3421 G02
0
1
Burst Mode OPERATION
VIN = 3V
VOUT = 3.3V
fOSC = 1MHz
VIN = 2.4V
VIN = 2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3421 G03
0
1
Burst Mode
OPERATION
VOUT = 5V
fOSC = 1MHz
VIN = 4.2V
VIN = 3.6V
VIN = 2.7V
2-Cell to 3.3V Efficiency
Li-Ion to 5V Efficiency
Burst Mode Operation
Load Transient Response
Inrush Current Control
Efficiency vs Frequency
Efficiency vs VIN
Start-Up Voltage vs Output Current
OUTPUT CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3421 G07
30
20
10
0
90
100
VIN = 2.4V
VOUT = 3.3V
f = 300kHz
f = 3MHz
f = 1MHz
INPUT VOLTAGE (V)
1
0
10
30
40
50
100
70
2
3
3.5
3421 G08
20
80
90
60
1.5
2.5
4
4.5
5
VIN > VOUT
PMOS LDO MODE
VOUT = 3.3V
IOUT = 200mA
OUTPUT CURRENT (mA)
0
1.00
1.05
1.10
200
3421 G09
0.95
0.90
0.80
50
100
150
0.85
1.20
1.15
VOUT
50mV/DIV
AC COUPLED
INDUCTOR
CURRENT
0.5A/DIV
SW
2.5
µs/DIV
3421 G04
VOUT
100mV/DIV
AC COUPLED
600mA
VIN = 2.4V
2.5ms/DIV
3421 G05
VOUT = 3.3V
COUT = 44µF
50mA
IOUT
VOUT
1V/DIV
INDUCTOR
CURRENT
0.5A/DIV
VIN = 0V TO 2.4V 500µs/DIV
3421 G06
COUT = 44µF
(TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com