Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3452 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3452
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3452 Datasheet HTML 4Page - Linear Technology LTC3452 Datasheet HTML 5Page - Linear Technology LTC3452 Datasheet HTML 6Page - Linear Technology LTC3452 Datasheet HTML 7Page - Linear Technology LTC3452 Datasheet HTML 8Page - Linear Technology LTC3452 Datasheet HTML 9Page - Linear Technology LTC3452 Datasheet HTML 10Page - Linear Technology LTC3452 Datasheet HTML 11Page - Linear Technology LTC3452 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC3452
3452f
OPERATIO
Buck-Boost DC-DC Converter
The LTC3452 employs an LTC proprietary buck-boost
DC/DC converter to generate the output voltage required
to drive the LEDs. This architecture permits high-effi-
ciency, low noise operation at input voltages above, below
or equal to the output voltage by properly phasing four
internal power switches. The error amp output voltage on
the VC pin determines the duty cycle of the switches. Since
the VC pin is a filtered signal, it provides rejection of
frequencies well below the factory trimmed switching
frequency of 1MHz. The low RDS(ON), low gate charge
synchronous switches provide high frequency pulse width
modulation control at high efficiency. Schottky diodes
across synchronous rectifier switch B and synchronous
rectifier switch D are not required, but if used, do provide
a lower voltage drop during the break-before-make time
(typically 20ns), which improves peak efficiency by typi-
cally 1% to 2% at higher loads.
Figure 1 shows a simplified diagram of how the four
internal power switches are connected to the inductor, VIN
= PVIN, VOUT and GND. Figure 2 shows the regions of
operation of the buck-boost as a function of the control
voltage VC. The output switches are properly phased so
transitions between regions of operation are continuous,
filtered and transparent to the user. When VIN approaches
VOUT, the buck-boost region is reached where the conduc-
tion time of the four switch region is typically 150ns.
Referring to Figures 1 and 2, the various regions of
operation encountered as VC increases will now be
described.
Buck Mode (VIN > VOUT)
In buck mode, switch D is always on and switch C is always
off. Referring to Figure 2, when the control voltage VC is
above voltage V1, switch A begins to turn on each cycle.
During the off time of switch A, synchronous rectifier
switch B turns on for the remainder of the cycle. Switches
A and B will alternate conducting similar to a typical
synchronous buck regulator. As the control voltage in-
creases, the duty cycle of switch A increases until the
maximum duty cycle of the converter in buck mode
reaches DCBUCK|max given by:
DCBUCK|max = 100% – DC4SW
where DC4SW equals the duty cycle in % of the “four
switch” range.
DC4SW = (150ns • f) • 100%
where f is the operating frequency in Hz.
Beyond this point the “four switch” or buck-boost region
is reached.
Buck-Boost or Four-Switch Mode (VIN ≈ VOUT)
Referring to Figure 2, when the control voltage VC is above
voltage V2, switch pair AD continue to operate for duty
cycle DCBUCK|max, and the switch pair AC begins to phase
in. As switch pair AC phases in, switch pair BD phases out
accordingly. When the VC voltage reaches the edge of the
buck-boost range at voltage V3, switch pair AC completely
phases out switch pair BD and the boost region begins at
19
SW1
17
SW2
PMOS A
NMOS B
20
PVIN
PMOS D
NMOS C
3452 F01
16
VOUT
75%
DMAX
BOOST
DMIN
BOOST
DMAX
BUCK
DUTY
CYCLE
0%
V4 (
≈2.1V)
V3 (
≈1.65V)
BOOST REGION
BUCK REGION
BUCK/BOOST REGION
V2 (
≈1.55V)
V1 (
≈0.9V)
3452 F02
A ON, B OFF
PWM CD SWITCHES
D ON, C OFF
PWM AB SWITCHES
FOUR SWITCH PWM
CONTROL
VOLTAGE, VC
Figure 2. Switch Control vs Control Voltage, VC
Figure 1. Simplified Diagram of Internal Power Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com