Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD7225 Datasheet(PDF) 2 Page - NEC

Part # UPD7225
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225 Datasheet(HTML) 2 Page - NEC

  UPD7225 Datasheet HTML 1Page - NEC UPD7225 Datasheet HTML 2Page - NEC UPD7225 Datasheet HTML 3Page - NEC UPD7225 Datasheet HTML 4Page - NEC UPD7225 Datasheet HTML 5Page - NEC UPD7225 Datasheet HTML 6Page - NEC UPD7225 Datasheet HTML 7Page - NEC UPD7225 Datasheet HTML 8Page - NEC UPD7225 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Data Sheet S14308EJ6V0DS00
2
µµµµPD7225
PIN CONFIGURATION: (Top View)
µµµµPD7225G00
52-pin plastic QFP (14
×××× 14 mm)
µµµµPD7225G01
52-pin plastic QFP (straight) (
14 mm)
µµµµPD7225GC-AB6
52-pin plastic QFP (14
×××× 14 mm)
52
1
2
3
4
5
6
7
8
9
10
11
12
13
S19
S18
S17
S16
S15
S14
VDD
S13
S12
S11
S10
S9
S8
CL2
/SYNC
VLC1
VLC2
VLC3
VSS
VDD
/SCK
SI
/CS
/BUSY
C, /D
/RESET
39
38
37
36
35
34
33
32
31
30
29
28
27
51
50
49
48
47
46
45
44
43
42
41
40
14
15
16
17
18
19
20
21
22
23
24
25
26
SI
: Serial Input
CL1
: External Resistor 1 (External Clock)
/SCK
: Serial Clock
CL2
: External Resistor 2
C, /D
: Command/Data
RESET
: Reset
/CS
: Chip Select
VLC1-VLC3 : Power Supply For LCD Drive
/BUSY
: Busy
VDD
: Power Supply
SYNC
: Sync
VSS
: Ground
S0-S31
: Segment
IC
: Internally Connected
COM0-COM3 : Common
NC
: Non-connection
Remark
/
××× indicates active low signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com