Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3523 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3523
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3523 Datasheet HTML 2Page - Linear Technology LTC3523 Datasheet HTML 3Page - Linear Technology LTC3523 Datasheet HTML 4Page - Linear Technology LTC3523 Datasheet HTML 5Page - Linear Technology LTC3523 Datasheet HTML 6Page - Linear Technology LTC3523 Datasheet HTML 7Page - Linear Technology LTC3523 Datasheet HTML 8Page - Linear Technology LTC3523 Datasheet HTML 9Page - Linear Technology LTC3523 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3523/LTC3523-2
6
3523fb
PIN FUNCTIONS
SW1 (Pin 5): Step-Up Converter Switch Pin. Connect the
inductor between SW1 and VIN1. Keep these PCB trace
lengths as short and wide as possible to reduce EMI and
voltage overshoot. If the inductor current falls to zero or
SHDN1 is low, an internal 150Ω anti-ringing resistor is
connected from SW1 to VIN1 to minimize EMI.
GND1 (Pin 6): Step-Up Converter Power Ground. Connect
this pin to the ground plane.
GND2 (Pin 7): Step-Down Converter Power Ground. Con-
nect this pin to the ground plane.
SW2 (Pin 8): Step-Down Converter Switch Pin. Connect
one end of the inductor to SW2. Keep these PCB trace
lengths as short and wide as possible to reduce EMI and
voltage overshoot.
VIN2 (Pin 9): Step-Down Converter Power Voltage Input.
This pin can be connected to a different supply than VIN1.
This pin must be connected to a valid supply voltage.
MODE (Pin 10): Step-Up and Step-Down Converter Mode
Selection Pin. Do not leave this pin floating.
• MODE = Low: PWM mode
• MODE = High: Automatic Burst Mode operation
PGOOD2 (Pin 11): Step-Down Converter Power Good
Comparator Output. This open-drain output is pulled low
when VFB2 < –9% of its regulation voltage.
FB2 (Pin 12): Step-Down Converter Feedback Input to the
Error amplifier. Connect resistor divider tap to this pin. The
output voltage can be adjusted from 0.6V to 5.5V by:
VOUT(STEP-DOWN) =+
⎛
⎝⎜
⎞
⎠⎟
06
1
3
4
.•
V
R
R
See Block Diagram.
If large feedback resistors, above 500k are used, then it
will be necessary to use a lead capacitor connected to the
output voltage and FB2.
SHDN2 (Pin 13): Step-Down Converter Logic Controlled
Shutdown Input. Do not leave this pin floating.
• SHDN2 = High: Normal free-running operation,
1.2MHz/2.4MHz typical operating frequency.
• SHDN2 = Low: Shutdown, quiescent current < 1μA.
This pin cannot exceed the voltage on VIN2.
GND3 (Pin 14): Analog Ground. The feedback voltage
dividers for each converter must be returned to GND3
for best performance.
Note: When laying out your PCB provide a short direct
path between GND1 and the (–) side of the step-up output
capacitor(s) and GND2 and the step-down output capaci-
tor.These pins are not connected together internally.
VBAT (Pin 15): Analog Voltage Input. Connect this pin to
the higher of VIN1 or VIN2.
SHDN1 (Pin 16): Step-Up Converter Logic Controlled
Shutdown Input.
• SHDN1 = High: Normal free-running operation,
1.2MHz/2.4MHz typical operating frequency.
• SHDN1 = Low: Shutdown, quiescent current < 1μA.
This pin cannot exceed the voltage on VIN1.
Exposed Pad (Pin 17): Die attach pad must be soldered
to PCB ground for electrical contact and optimum thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com