Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4387 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4387
Description  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4387 Datasheet HTML 8Page - STMicroelectronics AN4387 Datasheet HTML 9Page - STMicroelectronics AN4387 Datasheet HTML 10Page - STMicroelectronics AN4387 Datasheet HTML 11Page - STMicroelectronics AN4387 Datasheet HTML 12Page - STMicroelectronics AN4387 Datasheet HTML 13Page - STMicroelectronics AN4387 Datasheet HTML 14Page - STMicroelectronics AN4387 Datasheet HTML 15Page - STMicroelectronics AN4387 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Transmitter parameter
AN4387
12/22
DocID025465 Rev 1
4.4
Transmitter unwanted emissions in out-of-band domain
The measurement shall be performed at the lowest and the highest channel on which the
equipment can operate.
The spectrum analyzer must be set with:
Centre Frequency: 2484 MHz; Span: 0 Hz; Resolution BW: 1 MHz
Filter mode: Channel filter; Video BW: 3 MHz; Detector Mode: RMS
Trace Mode: Clear/Write; Sweep Mode: Continuous; Sweep Points: 5000
Trigger Mode: Video trigger; Sweep Time: Suitable to capture one transmission burst
For the segment 2483.5 MHz to 2485.5 MHz:
–
Adjust the trigger level to select the transmissions with the highest power level.
–
Set a window (start and stop lines) to match with the start and end of the burst and
in which the RMS power shall be measured using the time domain power function.
–
Select RMS power to be measured within the selected window and note the result
which is the RMS power within this 1 MHz segment (2483.5 MHz to 2484.5 MHz).
–
Compare this value with the applicable limit provided by the mask.
–
Increase the center frequency in steps of 1 MHz and repeat this measurement for
every 1 MHz segment within the range 2483.5 MHz to 2485.5 MHz. The center
frequency of the last 1 MHz segment shall be set to 2485.5 MHz - 0.5 MHz (which
means this may partly overlap with the previous 1 MHz segment).
For the segment 2485.5 MHz to 2487.5 MHz:
Change the center frequency of the analyzer to 2486 MHz and perform the measurement
for the first 1 MHz segment within range 2485.5 MHz to 2487.5 MHz. Increase the center
frequency in 1 MHz steps and repeat the measurements to cover this whole range.
The center frequency of the last 1 MHz segment shall be set to 2487.5 MHz - 0.5 MHz.
For the segment 2398 MHz to 2400 MHz:
Change the center frequency of the analyzer to 2399.5 MHz and perform the measurement
for the first 1 MHz segment within range 2398 MHz to 2400 MHz.
Reduce the center frequency in 1 MHz steps and repeat the measurements to cover this
whole range.
The center frequency of the last 1 MHz segment shall be set to 2396 MHz + 0.5 MHz.
For the segment 2396 MHz to 2398 MHz:
Change the center frequency of the analyzer to 2397.5 MHz and perform the measurement
for the first 1 MHz segment within range 2396 MHz to 2398 MHz. Reduce the center
frequency in 1 MHz steps and repeat the measurements to cover this whole range.
The center frequency of the last 1 MHz segment shall be set to 2396 MHz + 0.5 MHz.
A prescan analysis in the range below 2.4 GHz (Figure 7) permits to search for unwanted
spurious: no particular emissions were found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com