Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4430 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4430
Description  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 6Page - STMicroelectronics AN4430 Datasheet HTML 7Page - STMicroelectronics AN4430 Datasheet HTML 8Page - STMicroelectronics AN4430 Datasheet HTML 9Page - STMicroelectronics AN4430 Datasheet HTML 10Page - STMicroelectronics AN4430 Datasheet HTML 11Page - STMicroelectronics AN4430 Datasheet HTML 12Page - STMicroelectronics AN4430 Datasheet HTML 13Page - STMicroelectronics AN4430 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Android Application Overview
AN4430
10/42
DocID025722 Rev 1
defined a set of available features, meaning that some features are not available for lower
API revision. As example NFC functionality appears at API level 9 restricted to NDEF
message access and has been improved since this API revision. Figure 2 Android revision
with corresponding API levels shows the whole android revision and the associated API
levels.
Figure 2. Android revision with corresponding API levels
1.3
Android Application Introduction
1.3.1
Application fundamentals
Android application is primarily written in java programming language. Source code is
converted to java class files by the Java compiler. Then, Android SDK converts these Java
classes into optimized Dalvik executable file(s) (.dex suffix). Using the AAPT tool, Dex files
and application project related resources are packaged into an APK: android package,
which is an archive file with an “.apk” suffix. The APK generated file self contains all the
contents of an android application. The resulting APK file can be deployed to an Android
device by either the ADB tool in developing step or by the google android store once the
final application is published in release mode. The APK package is used by the Android
powered devices to install the application with a unique user and group ID. Each application
file is private to this generated user and other applications cannot access this file.
When launched by the operating system, the application runs, in its own process, upon its
own Dalvik virtual machine and is totally isolated from other running applications. In this
way, each application has access only to the components that it requires to do its work.
However, applications can share data between themselves either by giving the same Linux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com