Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4445 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4445 Datasheet HTML 5Page - STMicroelectronics AN4445 Datasheet HTML 6Page - STMicroelectronics AN4445 Datasheet HTML 7Page - STMicroelectronics AN4445 Datasheet HTML 8Page - STMicroelectronics AN4445 Datasheet HTML 9Page - STMicroelectronics AN4445 Datasheet HTML 10Page - STMicroelectronics AN4445 Datasheet HTML 11Page - STMicroelectronics AN4445 Datasheet HTML 12Page - STMicroelectronics AN4445 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID025944 Rev 1
9/17
AN4445
A set of peripherals tailored for low power
16
that provides the needed functionalities and performance, while minimizing the power
consumption.
The low power universal asynchronous receiver transmitter (LPUART) is an UART
which allows bidirectional UART communications with a limited power consumption.
Only 32.768 kHz LSE clock is required to allow UART communications up to 9600
baud/s. Higher baud rates can be reached when the LPUART is clocked by clock
sources different from the LSE clock. Even when the microcontroller is in deep stop
mode , the LPUART can wait for an incoming UART frame while having an extremely
low energy consumption. The LPUART includes all necessary hardware support to
make asynchronous serial communications possible with minimum power
consumption).
The I2C is able to wakeup the MCU from Stop mode (APB clock is off), when it is
addressed. All addressing modes are supported. The HSI16 oscillator must be
selected as the clock source for I2CCLK in order to allow wakeup from STOP. During
Stop mode, the HSI16 is switched off. When a START is detected, the I2C interface
switches the HSI16 on, and stretches SCL low until HSI16 is woken up. HSI16 is then
used for the address reception. In case of an address match, the I2C stretches SCL
low during MCU wakeup time. The stretch is released when ADDR flag is cleared by
software, and the transfer goes on normally. If the address does not match, the HSI16
is switched off again and the MCU is not woken up.
The USART is able to wakeup the MCU from Stop mode when USART clock is HSI16
or LSE. Several sources of wakeup from STOP mode can be selected:
Wakeup on adress match
Wakeup on Start bit detection
Wakeup on RXNE.
Table 2. Functionalities depending on working mode (from Run/active to standby)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability
CPU
Y
-
Y
-
----
Flash memory
Y
Y
Y
N
----
RAM
Y
Y
Y
Y
Y
---
Backup
registers
Y
Y
Y
Y
Y-Y-
EEPROM
Y
-
Y
Y
Y
-
-
-
Brown-out rest
(BOR)
Y
Y
Y
Y
YYY
-
DMA
Y
Y
Y
Y
----
Programmable
Voltage
Detector (PVD)
Y
Y
Y
Y
YYY
-
Power On
Reset (POR)
Y
Y
Y
Y
YYY
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com