Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3532 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3532
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3532 Datasheet HTML 3Page - Linear Technology LTC3532 Datasheet HTML 4Page - Linear Technology LTC3532 Datasheet HTML 5Page - Linear Technology LTC3532 Datasheet HTML 6Page - Linear Technology LTC3532 Datasheet HTML 7Page - Linear Technology LTC3532 Datasheet HTML 8Page - Linear Technology LTC3532 Datasheet HTML 9Page - Linear Technology LTC3532 Datasheet HTML 10Page - Linear Technology LTC3532 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3532
7
3532fc
OPERATIO
The LTC3532 provides high efficiency, low noise power
for applications such as portable instrumentation, digital
cameras, and MP3 players. The LTC proprietary topology
allows input voltages above, below or equal to the output
voltage by properly phasing the output switches. The error
amp output voltage on VC determines the output duty cycle
of the switches. Since VC is a filtered signal, it provides
rejection of frequencies well below the switching frequency.
The low RDS(ON), low gate charge synchronous switches
provide high frequency pulse width modulation control at
high efficiency. Schottky diodes across the synchronous
switch D and synchronous switch B are not required, but
provide a lower voltage drop during the break-before-make
time (typically 15ns). Schottky diodes will improve peak
efficiency by typically 1% to 2%. High efficiency is achieved
at light loads when Burst Mode operation is entered and
the IC’s quiescent current drops to a low 35μA.
LOW NOISE FIXED FREQUENCY OPERATION
Oscillator
The frequency of operation is programmed by an external
resistor from RT to ground, according to the following
equation:
f(kHz) =
48,000
RT(kΩ)
Error Amp
The error amplifier is a voltage mode amplifier. The loop
compensation components are configured around the
amplifier (from FB to VC) to obtain stability of the converter.
For improved bandwidth, an additional RC feedforward
network can be placed across the upper feedback divider
resistor. The voltage on SHDN/SS clamps the error amp
output, VC, to provide a soft-start function.
Internal Current Limit
There are two different current limit circuits in the LTC3532.
They have internally fixed thresholds which vary inversely
with VIN. The first circuit is a high speed peak current limit
comparator that will shut off switch A if the current exceeds
1.1A typical. The delay to output of this amplifier is typi-
cally 50ns. A second amplifier will begin to source current
into the FB pin to drop the output voltage once the peak
input current exceeds 1A typical. This method provides a
closed loop means of clamping the input current. During
conditions where VOUT is near ground, such as during a
short-circuit or during startup, this threshold is cut in half
providing a fold back feature. For this current limit feature
to be most effective, the Thevenin resistance from FB to
ground should be greater than 100k.
Reverse Current Limit
During fixed frequency operation, the LTC3532 operates in
forced continuous conduction mode. The reverse current
limit amplifier monitors the inductor current from the out-
put through switch D. Once the negative inductor current
exceeds 340mA typical, the IC will shut off switch D.
4-Switch Control
Figure 1 shows a simplified diagram of how the four internal
switches are connected to the inductor, VIN, VOUT and GND.
Figure 2 shows the regions of operation for the LTC3532 as
a function of the internal control voltage, VCI. Depending
on the control voltage, the IC will operate in either buck,
buck/boost or boost mode. The VCI voltage is a level shifted
voltage from the output of the error amp (VC) (see Figure
5). The four power switches are properly phased so the
transfer between operating modes is continuous, smooth
and transparent to the user. When VIN approaches VOUT
the buck/boost region is reached where the conduction
time of the 4-switch region is typically 150ns. Referring
to Figures 1 and 2, the various regions of operation will
now be described.
3
SW1
4
SW2
PMOS A
NMOS B
7
VIN
PMOS D
NMOS C
3532 F01
6
VOUT
Figure 1. Simplified Diagram of Output Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com