Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3544 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3544
Description  Quad Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544 Datasheet(HTML) 2 Page - Linear Technology

  LTC3544 Datasheet HTML 1Page - Linear Technology LTC3544 Datasheet HTML 2Page - Linear Technology LTC3544 Datasheet HTML 3Page - Linear Technology LTC3544 Datasheet HTML 4Page - Linear Technology LTC3544 Datasheet HTML 5Page - Linear Technology LTC3544 Datasheet HTML 6Page - Linear Technology LTC3544 Datasheet HTML 7Page - Linear Technology LTC3544 Datasheet HTML 8Page - Linear Technology LTC3544 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3544
2
3544fa
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3544EUD#PBF
LTC3544EUD#TRPBF
LCXM
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3544EUD
LTC3544EUD#TR
LCXM
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage .....................................–0.3V to 6V
RUNx ............................................. –0.3V to (VIN + 0.3V)
VFBx................................................ –0.3V to (VIN + 0.3V)
SWx ............................................... –0.3V to (VIN + 0.3V)
300mA P-Channel Source Current (DC) (Note 8) ..450mA
300mA N-Channel Sink Current (DC) (Note 8) ......450mA
200mA P-Channel Source Current (DC) (Note 8) ..300mA
200mA N-Channel Sink Current (DC) (Note 8) ......300mA
100mA P-Channel Source Current (DC) (Note 8) ..200mA
100mA N-Channel Sink Current (DC) (Note 8) ......200mA
Peak 300mA SW Sink and Source Current
(Note 8)................................................................600mA
Peak 200mA SW Sink and Source Current
(Note 8)................................................................400mA
Peak 100mA SW Sink and Source Current
(Note 8)................................................................200mA
Operating Temperature Range...................–40°C to 85°C
Junction Temperature (Notes 3, 4) ........................ 125°C
Storage Temperature Range ....................–65°C to 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
VFB200B
VFB200A
RUN200A
SW200B
RUN100
VFB100
VFB300
RUN300
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General Characteristics
VIN
Input Voltage Range
●
2.25
5.5
V
VFBREGx
Regulated Feedback Voltage (Note 5)
●
0.792
0.784
0.8
0.8
0.808
0.816
V
V
ΔVFBREGx
Reference Voltage Line Regulation (Note 5)
VIN = 2.25V to 5.5V
0.05
0.25
%/V
VLOADREG
Output Voltage Load Regulation (Note 6)
0.5
%
PIN CONFIGURATION
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com