Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3547 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3547
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547 Datasheet(HTML) 1 Page - Linear Technology

  LTC3547 Datasheet HTML 1Page - Linear Technology LTC3547 Datasheet HTML 2Page - Linear Technology LTC3547 Datasheet HTML 3Page - Linear Technology LTC3547 Datasheet HTML 4Page - Linear Technology LTC3547 Datasheet HTML 5Page - Linear Technology LTC3547 Datasheet HTML 6Page - Linear Technology LTC3547 Datasheet HTML 7Page - Linear Technology LTC3547 Datasheet HTML 8Page - Linear Technology LTC3547 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3547
1
3547fa
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3547 TA01b
0
1
0.1
0.01
0.001
0.0001
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Dual Monolithic
300mA Synchronous
Step-Down Regulator
The LTC®3547 is a dual, 2.25MHz, constant-frequency,
synchronous step-down DC/DC converter in a tiny 3mm
× 2mm DFN package. 100% duty cycle provides low drop-
out operation, extending battery life in portable systems.
Low output voltages are supported with the 0.6V feed-
back reference voltage. Each regulator can supply 300mA
continuous output current.
The input voltage range is 2.5V to 5.5V, making it ideal for
Li-Ion and USB powered applications. Supply current dur-
ing operation is only 40µA and drops to < 1µA in shutdown.
Automatic Burst Mode® operation increases efficiency at
light loads, further extending battery life.
An internally set 2.25MHz switching frequency allows
the use of tiny surface mount inductors and capacitors.
Internal soft-start reduces inrush current during start-
up. All outputs are internally compensated to work with
ceramic capacitors. The LTC3547 is available in a low
profile (0.75mm) 3mm × 2mm DFN package. The LTC3547
is also available in a fixed output voltage configuration,
eliminating the need for the external feedback networks
(see Table 2).
■
Cellular Telephones
■
Digital Still Cameras
■
Wireless and DSL Modems
■
PDAs/Palmtop PCs
■
Portable Media Players
■
High Efficiency Dual Step-Down Outputs: Up to 96%
■
300mA Output Current per Channel at VIN = 3V
■
Automatic Low Ripple Burst Mode Operation
(20mVP-P)
■
Only 40µA Quiescent Current During Operation
(Both Channels)
■
2.25MHz Constant-Frequency Operation
■
2.5V to 5.5V Input Voltage Range
■
Low Dropout Operation: 100% Duty Cycle
■
Internally Compensated for All Ceramic Capacitors
■
Independent Internal Soft-Start for Each Channel
■
Current Mode Operation for Excellent Line and Load
Transient Response
■
0.6V Reference Allows Low Output Voltages
■
Short-Circuit Protected
■
Ultralow Shutdown Current: IQ < 1µA
■
Low Profile (0.75mm) 8-Lead 3mm × 2mm
DFN Package
Dual Monolithic Buck Regulator in 8-Lead 3mm × 2mm DFN
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6580258, 5481178, 6304066, 6127815, 6498466, 6611131.
VIN
RUN2
RUN1
LTC3547
VFB2
SW2
SW1
VFB1
10pF
10pF
GND
VIN
2.5V TO 5.5V
VOUT2
1.8V AT
300mA
VOUT1
2.5V AT
300mA
3547 TA01
237k
150k
475k
L2
4.7
µH
L1
4.7
µH
475k
4.7
µF
4.7
µF
4.7
µF
Efficiency vs Output Current
for VOUT = 2.5V


Similar Part No. - LTC3547

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3547 LINER-LTC3547 Datasheet
302Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
logo
Linear Integrated Syste...
LTC3547 LINEAR-LTC3547 Datasheet
278Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Linear Technology
LTC3547B LINER-LTC3547B Datasheet
253Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B Datasheet
259Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
logo
Linear Integrated Syste...
LTC3547BEDDB LINEAR-LTC3547BEDDB Datasheet
278Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulaor
More results

Similar Description - LTC3547

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3419 LINER-LTC3419 Datasheet
255Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3547 LINER-LTC3547 Datasheet
302Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B Datasheet
253Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
logo
New Japan Radio
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
300mA Synchronous Step-Down switching regulator IC
logo
Linear Integrated Syste...
LTC3547BEDDB LINEAR-LTC3547BEDDB Datasheet
278Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Linear Technology
LTC3547B LINER-LTC3547B_15 Datasheet
259Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com