Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4471 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 5Page - STMicroelectronics AN4471 Datasheet HTML 6Page - STMicroelectronics AN4471 Datasheet HTML 7Page - STMicroelectronics AN4471 Datasheet HTML 8Page - STMicroelectronics AN4471 Datasheet HTML 9Page - STMicroelectronics AN4471 Datasheet HTML 10Page - STMicroelectronics AN4471 Datasheet HTML 11Page - STMicroelectronics AN4471 Datasheet HTML 12Page - STMicroelectronics AN4471 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DocID026197 Rev 1
9/39
AN4471
Hardware layout and configuration
39
Once the FPGA has been configured, the LED DONE (D23) turns on and the FPGA state
machine enters the idle state (LED D4 turns on).
In order to generate a programmed waveform, the user selects the desired waveform (refer
to Section 3.4.1) through the Program button. The selected program is given by the
illumination of its corresponding LED (D6, D8, … D21 represent Program 0, Program 1, …
Program 15, respectively). Program selection loops back to Program 0 after the last
installed program.
By pressing the START button, the selected program starts running and the START LED
(D2) turns on. When the program ends, the FPGA returns to the IDLE state (LED D4 is on).
If a continuous wave program has been selected, the STOP button must be pressed to stop
program execution. The FPGA returns to the idle state and the STOP LED (D3) turns on.
The LEDs associated with FPGA operations are described in Table 7.
The FPGA state machine can be also controlled by an external digital device through the
FPGA USER I/O connector (J7), see Table 24 for the naming and pinout positioning of the
J35 and
J36
Configure J35 and J36 to setup outputs idle state as follows:
(default setting: Not Mounted)
High Z
J35 and J36
unfitted
Clamp / TRswitch
J35 fitted,
J36 unfitted
High Z
J35 and J36
fitted
Clamp
J35 unfitted,
J36 fitted
J37
Configure J37 to connect FPGA outputs to STHV800
(default setting: Not mounted)
Fitted: disconnect FPGA outputs (High Z)
Unfitted: connect FPGA outputs
Table 7. FPGA LED
Color
Name
Description
D2
Green
START
A program is running following activation of the start
button SW5.
D3
Green
STOP
The stop button SW4 has been pressed.
D4
Green
IDLE
The FPGA state machine is in the idle state.
D5
Red
ERROR
An error has occurred during FPGA state machine
execution.
D23
Green
DONE
The FPGA has been successfully configured.
D6-D21
Yellow
PROG 0-15
The corresponding program is selected
Table 6. FPGA jumper (continued)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com