Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3564 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3564 Datasheet HTML 10Page - Linear Technology LTC3564 Datasheet HTML 11Page - Linear Technology LTC3564 Datasheet HTML 12Page - Linear Technology LTC3564 Datasheet HTML 13Page - Linear Technology LTC3564 Datasheet HTML 14Page - Linear Technology LTC3564 Datasheet HTML 15Page - Linear Technology LTC3564 Datasheet HTML 16Page - Linear Technology LTC3564 Datasheet HTML 17Page - Linear Technology LTC3564 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC3564
3564f
APPLICATIO S I FOR ATIO
Figure 5a. LTC3564 TSOT-23 Suggested Layout
Figure 5b. LTC3564 DFN Suggested Layout
LTC3564
GND
3564 F05a
PIN 1
VOUT
VIN
VIA TO VOUT
SW
VIA TO VIN
VIA TO GND
COUT
CIN
L1
R2
CFWD
R1
3564 F05b
VOUT
PGND
VIN
VFB
VIA TO VOUT
SW
VIA TO VIN
CIN
COUT
L1
R2
CFWD
R1
4
5
7
6
3
2
1
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com