Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4494 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 4Page - STMicroelectronics AN4494 Datasheet HTML 5Page - STMicroelectronics AN4494 Datasheet HTML 6Page - STMicroelectronics AN4494 Datasheet HTML 7Page - STMicroelectronics AN4494 Datasheet HTML 8Page - STMicroelectronics AN4494 Datasheet HTML 9Page - STMicroelectronics AN4494 Datasheet HTML 10Page - STMicroelectronics AN4494 Datasheet HTML 11Page - STMicroelectronics AN4494 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Application PCB test points
AN4494
1
Application PCB test points
ST recommends making available a set of test points in order to measure the performance
of the device on the customer PCB. Depending on customer PCB constraints, it may not
always be possible to add all test points, in which case some tests cannot be performed.
Table 1: Test points
Test point
Function
Details of the test point
Current
consumption
Should be added in the PCB to
measure BlueNRG current
consumption.
In series with the VBAT1,2,3
pins.
Voltage supply
Should be added to measure BlueNRG
supply voltages.
To pins:
VDD1V8, VDD1V2
SMPSFILT1, SMPSFILT2
RF
If the PCB uses an embedded antenna,
like a PCB or a chip antenna, it is
recommended to add a UFL connector
to allow measurement of the RF
performance with a spectrum analyzer.
Between the matching network
(or balun) and the embedded
antenna (see Figure 1: "UFL
connector").
SPI
Customer PCB should allow exclusion
of its own microcontroller and allow
connection of the BlueNRG SPI lines to
the STEVAL-IDB002V1 motherboard.
If the SPI test point is not available,
ST can provide the GUI firmware
required to port it on the customer
microcontroller.
This assumes that the customer PCB
has a USB or RS232 I/O port available
for PC connection.
Between the microcontroller and
the BlueNRG.
TEST8, TEST9
Pins used for the XTAL_startup
measure
Pins: TEST8, TEST9
8/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com