Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1178 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN1178
Description  To ease the development of STM32 microcontroller applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1178 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN1178 Datasheet HTML 5Page - STMicroelectronics TN1178 Datasheet HTML 6Page - STMicroelectronics TN1178 Datasheet HTML 7Page - STMicroelectronics TN1178 Datasheet HTML 8Page - STMicroelectronics TN1178 Datasheet HTML 9Page - STMicroelectronics TN1178 Datasheet HTML 10Page - STMicroelectronics TN1178 Datasheet HTML 11Page - STMicroelectronics TN1178 Datasheet HTML 12Page - STMicroelectronics TN1178 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Development tool adaptations
TN1178
10/13
DocID026291 Rev 1
4
Development tool adaptations
When migrating from STM32L15/6xxD to STM32L15/6xxE some changes in the
development tools are necessary. Following the change of device identifier (DEV_ID) and
some peripherals changes with the addition of new features, it has been necessary to
upgrade the development tools as detailed hereafter.
1.
DEV_ID changes:
In STM32L15/6xxD devices, DEV_ID = 0x436
In STM32L15/6xxE devices, DEV_ID = 0x437
If the software or programming tool is using DEV_ID[11:0] field (in DBGMCU_IDCODE
register) then the relevant changes must be applied in the software or tool.
2.
Changes in the development tool configurations:
a)
IAR - install the latest version or apply the patch provided by ST support team to
support the STM32L15/6xxE device, and change the device type in the
configuration.
b)
Keil - install the latest version that supports the STM32L15/6xxE device, change
the device type in the configuration, and change the ST-LINK programming
algorithm.
c)
Others - install the latest version that supports the STM32L15/6xxE device, and
change the device type in the configuration.
3.
STM32L1xx standard peripherals library update:
STM32L15/6xxE devices are supported in the latest version of STM32L1xx standard
peripherals library. Make sure to use the latest version of STM32L1xx standard
peripherals library to use the STM32L15/6xxE device features.
a)
Define the macro STM32L1XX_XL and use in the project the
startup_stm32l1xx_xl.s file.
b)
Rebuild the existing project with the new library so it can be run on
STM32L15/6xxE devices.
4.
Programming tool adaptations:
In the programming tool configurations (for example ST-LINK with the related software)
the device type must be changed to correctly program the new STM32L15/6xxE
devices.
Use the latest ST Visual Programmer (STVP) or the latest ST-LINK utility which support
the STM32L15/6xxE devices (both are available at www.st.com/stm32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com