| Electronic Components Datasheet Search |
|
UM1519 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1519 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 40 page ![]() UM1519 Board configuration Doc ID 022813 Rev 2 25/40 4 Board configuration 4.1 STM322xG-EVAL demonstration board setup Set up the STM322xG-EVAL board as follows: ● Keep jumper JP16, JP21 and JP22 not fitted ● Set JP5 in 1-2 position, and JP6 in 2-3 position ● Disconnect motor control board from CN5 ● Remove MicroSD card from CN6 ● Remove R115 and R140. Set up the ZigBee-Dual IF EEprom adapter as follows: ● Place the adapter on the STM322xG-EVAL board so that it is well fixed on the connectors CN2, CN3 and CN4. ● Set JP3 and JP4 in 1-2 position in order to set the communication between the STM32W and STM32F2xx via UART or in 2-3 position to communicate via SPI. ● In order to address the dual interface EEPROM (M24LR64r) via I2C, JP1 and JP2 must be properly set. The I2C address of the EEPROM is composed as “1010 xxxx”. It represents the device select code and consists of a 4-bit device type identifier, and a 3- bit chip enable “Address” (E2, E1, E0) plus 1-bit for read/write operation. To address the memory array, the 4-bit device type identifier is 1010b (0xA). So, the second group of the device select code is the customizable part of the I2C address of the memory. In detail, it is made up as follows: – E2 is the sector protection bit. To access the user area memory it must be set to 0, while to access the system area it is set to 1 – E1 and E0 are used to customize the I2C address – The 8th bit is the read/write bit (RW). This bit is set to 1 for read and 0 for write operations – Setting JP1 and JP2 in position 1-2 results in having 0xA6 as the I2C address for the EEPROM. 4.2 STM322xG-EVAL and ZigBee adapter with M24LR64-r memory The connections between the MCU and the ZigBee module + EEPROM dual interface are shown in Table 13. Table 13. ZigBee adapter pinout description STM32 pin name STM322xG-EVAL I/O assignment Extension connector pin. no ZigBee adapter I/O assignment - APP_3V3 CN3 - Pin 48 VCC_3V3 - GND CN3 - Pin 1 GND PA4 Audio_DAC_OUT (remove R115) CN2 - Pin 4 ZIG_SS (SPI3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |