Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1546 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1546
Description  STEVAL-IHM037V1 remote fan speed controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1546 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1546 Datasheet HTML 4Page - STMicroelectronics UM1546 Datasheet HTML 5Page - STMicroelectronics UM1546 Datasheet HTML 6Page - STMicroelectronics UM1546 Datasheet HTML 7Page - STMicroelectronics UM1546 Datasheet HTML 8Page - STMicroelectronics UM1546 Datasheet HTML 9Page - STMicroelectronics UM1546 Datasheet HTML 10Page - STMicroelectronics UM1546 Datasheet HTML 11Page - STMicroelectronics UM1546 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
System overview
UM1546
8/17
Doc ID 023229 Rev 1
Figure 5.
RC5 idle time
2.1.3
RC5 frame reading mechanism
RC5 decoding algorithm features:
●
Adaptive timing takes care of variations in transmitter bit period within the standard
range specified in Table 1.
●
Algorithm synchronizes sampling time after every bit to ensure robust decoding
performance.
●
Uses one external interrupt and one hardware timer to efficiently decode received data
on the fly.
The RC5 decoded data has the inherent property of changing its logic state at the middle of
every bit transmitted, as it is Manchester format. This state change can be used to
synchronize the sampling of the RC5 data output line connected to the microcontroller for
robust decoding performance irrespective of timing variations at the receiver, as well as the
transmitter side. Figure 4 highlights the decoding algorithm used in this application.
Table 1.
RC5 timings
Description
Min.
Typical
Max.
Units
RC5 half bit period
640
899
1140
µs
RC5 full bit period
1340
1778
2220
µs
RC5 message
time
23.644
24.889
26.133
ms
RC5 message
repetition time
108.089
113.778
119.467
ms
Carrier pulse bit
time
27.233
27.778
28.345
µs
AM12344v1
14 bits
Frame 1
14 bits
Frame 2
50 bits
Idle time
64 bits = 113.788 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com