Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1547 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 5Page - STMicroelectronics UM1547 Datasheet HTML 6Page - STMicroelectronics UM1547 Datasheet HTML 7Page - STMicroelectronics UM1547 Datasheet HTML 8Page - STMicroelectronics UM1547 Datasheet HTML 9Page - STMicroelectronics UM1547 Datasheet HTML 10Page - STMicroelectronics UM1547 Datasheet HTML 11Page - STMicroelectronics UM1547 Datasheet HTML 12Page - STMicroelectronics UM1547 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
DocID023232 Rev 5
9/51
UM1547
Overview
51
2
Overview
This chapter gives a basic overview of the AT and AT2 libraries which include a set of
commands described in detail in Section 3. Appendix A describes the two sets of
configuration variables, relevant to AT and AT2 FW versions. The AT and AT2 FW are third
party IPs developed by Amp'ed RF.
2.1
AT command FW interface overview
The AT command FW is a cable replacement application that provides communication
between Bluetooth-enabled devices. A serial port is used to communicate with a host device
through an AT command interface as shown below.
Figure 1. Communication between hosts
The AT command FW provides the following basic features:
•
AT2 FW supports point-to-point and multipoint connections, while AT FW supports only
point-to-point connections.
•
Serial port profile, SPP, is supported for both client and server applications.
•
iPOD accessory protocol, IAP, is supported only by AT2 FW, enabling communication
with Apple iOS Bluetooth-enabled devices.
•
Command and bypass modes: it is possible to switch between command and bypass
(data transmit/receive) modes during an active connection.
•
Security: bonding and data encryption provides a secure link between two devices.
•
Power conservation: use of the Sniff feature to minimize power consumption is
supported only with AT2 FW.
•
Variable baud rates: the serial port can be configured for the following baud rates:
1200, 2400, 4800, 9600, 19.2k, 38.4k, 57.6k, 115.2k (default), 230.4k, 460.8k, 921.6k,
2M (as general rule, the UART baud rate must be lower than the HCI baud set in the
variable 26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com