Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1548 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1548
Description  IR remote trasmitter STEVAL-IHM037V1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1548 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1548 Datasheet HTML 2Page - STMicroelectronics UM1548 Datasheet HTML 3Page - STMicroelectronics UM1548 Datasheet HTML 4Page - STMicroelectronics UM1548 Datasheet HTML 5Page - STMicroelectronics UM1548 Datasheet HTML 6Page - STMicroelectronics UM1548 Datasheet HTML 7Page - STMicroelectronics UM1548 Datasheet HTML 8Page - STMicroelectronics UM1548 Datasheet HTML 9Page - STMicroelectronics UM1548 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
System overview
UM1548
6/14
Doc ID 023257 Rev 1
2.1.2
Modifying the RC5 device address and instructions for the three keys
The RC5.h file in the project folder (refer to the firmware for the AN2957 application note)
contains all the definitions for the standard device addresses as well as the device
instructions as per RC5 protocol. The global variables ‘Address’ and ‘Instruction’ defined in
main.c are used to store the RC5 address and instruction codes to be transmitted. In this
modified code, the MCU wakes up from Halt mode using external interrupt whenever any
key is pressed on the remote. The program then checks which particular key was pressed
and assigns the relevant RC5 address and instruction to the ‘Address’ and ‘Instruction’
variables respectively. It then calls the SendFrame() function to transmit the RC5 frame. This
process is repeated as long as the key is pressed. Once the key is released, the system
goes back to the low power Halt mode. The values that are assigned to the ‘Address’ and
‘Instruction’ variables can be changed inside the while(1) infinite loop in main.c file for each
of the three keys to customize the remote. This enables the remote to transmit any valid
RC5 frame for the three available keys.
2.2
Hardware layout
The STEVAL-IHM037V1 component layout for top and bottom layers is shown below in
Figure 5 and 6 respectively. It helps the user to locate different components/sections on the
board.
Figure 3.
Hardware layout: main board - top side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com